Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1523 Datasheet (PDF) - ams AG

AS1523 Datasheet PDF - ams AG
Part # AS1523
Download  AS1523 Download
File Size   93.28 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 10-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters

AS1523 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1523 Datasheet PDF - ams AG

Part # AS1523
Download  AS1523 Click to download

File Size   93.28 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 10-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters

AS1523 Datasheet (HTML) - ams AG


AS1523 Product details

General Description

The AS1522/AS1523 are low-power, 4/2-channel, 400/300ksps, 10-bit analog-to-digital (A/D) converters specifically designed to operate with single-supply devices. Superior AC characteristics, very low power consumption, and highly-reliable packaging make these ultra small devices perfect for battery-powered remote-sensor and data-acquisition devices.



Key Features

Single-Supply Operation:

  - +4.5 to +5.5V (AS1522)

  - +2.7 to +3.6V (AS1523)

Sampling Rate:

  - 400ksps (AS1522)

  - 300ksps (AS1523)

Software-Configurable Analog Input Types:

  - 4-Channel Single-Ended

  - 4-Channel Pseudo Differential Referenced to COM

  - 2-Channel Pseudo Differential

  - 2-Channel Fully Differential

Software-Configurable Input Range

Internal +2.5V Reference

Low-Current Operation:

  - 2.8mA @ 400ksps (AS1522)

  - 2.2mA @ 300ksps (AS1523)

  - 0.4mA in Reduced-Power Mode

  - 0.5µA in Full Power-Down Mode

SPI/QSPI/Microwire/TMS320-Compatible

16-pin TSSOP Package



Applications

The devices are ideal for remote sensors, data-acquisition and data-logging devices, pen-digitizers, process control, or any other space-limited A/D application with ow power-consumption requirements.




Similar Part No. - AS1523

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1520 AMSCO-AS1520 Datasheet
94Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1520 AMSCO-AS1520 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1520-BTST AMSCO-AS1520-BTST Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1520-BTSU AMSCO-AS1520-BTSU Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1520 AMSCO-AS1520_1 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
More results


Similar Description - AS1523

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1526 AMSCO-AS1526 Datasheet
351Kb / 2P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1520 AMSCO-AS1520 Datasheet
94Kb / 2P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1526 AMSCO-AS1526_1 Datasheet
754Kb / 21P
10-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1536 AMSCO-AS1536 Datasheet
782Kb / 21P
12-Bit, Single Supply, Low-Power, 73ksps A/D Converters
AS1520 AMSCO-AS1520_1 Datasheet
1Mb / 29P
10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
Silicon Laboratories
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com