Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5331 Datasheet (PDF) - Hamamatsu Corporation

C5331 Datasheet PDF - Hamamatsu Corporation
Part # C5331
Download  C5331 Download
File Size   223.55 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Operates an APD with single 5 V supply

C5331 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5331 Datasheet PDF - Hamamatsu Corporation

Part # C5331
Download  C5331 Click to download

File Size   223.55 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Operates an APD with single 5 V supply

C5331 Datasheet (HTML) - Hamamatsu Corporation


C5331 Product details

Features

Choice of high sensitivity APDs

A total of 11 types are available, including 6 types of 800 nm band APDs with active areas from φ0.2 to φ5 mm, 3 types of short-wavelength APDs with active areas from φ1 to φ5 mm, and FC connector types.

High sensitivity detection board optimized for APD evaluation An APD and high-speed current-to-voltage amplifier circuit are mounted on a compact board. The high-speed current-to-voltage amplifier circuit features a low-noise configuration ideal for the APD signal readout and operates at high speeds yet with high sensitivity.

Easy handling

   Single 5 V supply operation

Built-in temperature-compensated bias voltage circuit

  Controls the bias voltage with a thermosensor to keep the APD gain constant. Gain is stabilized to as low as ±2.5 % Typ. at ambient temperatures of 25 ±10 ˚C. Ripple noise usually inherent to high voltage power supplies is also minimized.

Compact and lightweight

The circuit board is no larger than business card size, and weighs only 52 g.

Low price

Custom devices available with different dimensions and specifications



Applications

APD evaluation

Spatial light transmission

Bar code readers

Laser radars

Optical rangefinders

Optical communications




Similar Part No. - C5331

ManufacturerPart #DatasheetDescription
logo
Powerbox
C533 POWERBOX-C533 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fairchild Semiconductor
C5338D FAIRCHILD-C5338D Datasheet
95Kb / 8P
High Voltage Power Switch Switching Application
logo
Toshiba Semiconductor
C5339 TOSHIBA-C5339 Datasheet
230Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results


Similar Description - C5331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CP TI1-TL712CP_14 Datasheet
946Kb / 17P
Operates From a Single 5-V Supply
logo
Hamamatsu Corporation
C12702 HAMAMATSU-C12702_15 Datasheet
1Mb / 5P
Operates an APD with single 5 V supply (Standard type, Short-wavelengh type)
logo
Intersil Corporation
ISL33334E INTERSIL-ISL33334E Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
STMicroelectronics
STLVDS9637 STMICROELECTRONICS-STLVDS9637 Datasheet
210Kb / 10P
OPERATES WITH A SINGLE 3.3V SUPPLY
Sep-2003
logo
Maxim Integrated Produc...
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
Operates from a Single 3.3V Supply
Rev 0; 5/17
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
Operates from a Single 5V Supply
Rev 2; 12/18
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
Operates from a Single 3.3V Supply
Rev 0; 5/18
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
Operates from a Single Supply
Rev 0; 11/17
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com