Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5331 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C5331
Description  Operates an APD with single 5 V supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5331 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C5331 Datasheet HTML 1Page - Hamamatsu Corporation C5331 Datasheet HTML 2Page - Hamamatsu Corporation C5331 Datasheet HTML 3Page - Hamamatsu Corporation C5331 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APD module
C5331 series
WAVELENGTH (nm)
(Typ. Ta=25 ˚C,
λ=650 nm, M=30 *)
600
400
200
0
5
10
25
20
15
800
1000
* Measured at a reverse voltage giving a gain of 30.
Incident light is 650 nm.
STANDARD TYPE
SHORT-WAVELENGTH TYPE
0
-30
10
20
30
40
50
60
AMBIENT TEMPERATURE (˚C)
-20
-10
0
10
20
30
(M=30)
TYP.
FREQUENCY
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
1 GHz
10
2
10
3
10
4
10
5
(Typ. Ta=25 ˚C,
λ=λp)
C5331-01/-02/-31
C5331-03
C5331/-30
C5331-04
C5331-11
C5331-12
C5331-13
C5331-05
s
s
s
s
s Spectral response
s
s
s
s
s Gain temperature characteristic
s
s
s
s
s Frequency response
s
s
s
s
s Response to stepped light input (C5331-03)
KACCB0020EB
KACCB0021EB
KAPDB0051EA
Ta=25 °C, gain M=30, input pulse width=20 µs
X-axis: 10 ns/div., Y-axis: 10 mV/div.
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com