Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTPS55285VALR Datasheet (PDF) - Texas Instruments

XTPS55285VALR Datasheet PDF - Texas Instruments
Part # XTPS55285VALR
Download  XTPS55285VALR Download
File Size   4797.53 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS55285 22V, 8A Buck-Boost Converter with I2C Interface

XTPS55285VALR Datasheet (PDF)

Go To PDF Page Download Datasheet
XTPS55285VALR Datasheet PDF - Texas Instruments

Part # XTPS55285VALR
Download  XTPS55285VALR Click to download

File Size   4797.53 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS55285 22V, 8A Buck-Boost Converter with I2C Interface

XTPS55285VALR Datasheet (HTML) - Texas Instruments


XTPS55285VALR Product details

1 Features
• Programmable power supply (PPS) support for
USB power delivery (USB PD)
– Wide input voltage range: 2.4V to 22V
– 3.0V Minimum input voltage for start-up
– Programmable output voltage range: 0.8V to
22V with 10mV step
– ±1% reference voltage accuracy
– Adjustable output voltage compensation for
voltage drop over the cable
– Programmable output current limit up to 6.35A
with 50mA step
• High efficiency over entire load range
– 92.0% efficiency at VIN = 20V, VOUT = 5V and
IOUT = 5A
– 96.0% efficiency at VIN = 12V, VOUT = 20V and
IOUT = 3A
• I2C Programming
– Output enable(OE) On/Off
– Slew rate of output voltage change
– Switching frequency: 400kHz, 800kHz, 1.6MHz,
2.2MHz
– Programmable PFM and FPWM mode at light
load
– Spread spectrum enable/disable
– Output discharge enable/disable
• Rich protection features
– Input overvoltage protection
– Output absolute overvoltage protection
– Output relative overvoltage protection
– Hiccup mode for output short-circuit protection
– Thermal shutdown protection
– 8A average inductor current limit
• Small solution size
– Four low RDS(ON) internal MOSFETs
– Maximum switching frequency up to 2.2MHz
– 2.5mm × 3.5mm HotRod™ WQFN package

2 Applications
• USB PD
• Wireless charger
• Docking Station
• Notebook computer
• SSD

3 Description
The TPS55285 is a fully integrated synchronous
buck-boost converter that is optimized for converting
battery voltage, USB Power Delivery (USB PD)
or adaptor voltage into power supply rails. The
TPS55285 integrates four 15mΩ MOSFETs to provide
a high efficiency and small size solution.
The TPS55285 has a wide input voltage range from
2.4V (3.0V rising) to 22V and is capable of outputting
0.8V to 22V voltage with 10mV step to support a
variety of applications. It features 8A average inductor
current limit and can supply up to 7A output current
in buck mode. When working in boost mode, it can
deliver 60W from 12V input or 30W from 5V input.
Through the I2C interface, the output voltage of the
TPS55285 can be programmed dynamically. The
default output voltage is 5V when the device is
enabled. The I2C interface allows for configuration
of slew rate of the output voltage change, switching
frequency, forced PWM mode operation.
The TPS55285 offers input and output over-voltage
protection, average inductor current limit, cycle-bycycle
peak current limit and output short circuit
protection. The TPS55285 also ensures safe
operating with output current limit without external
output current sense resistor and hiccup mode
protection in sustained overload conditions.
The TPS55285 allows the use of small inductor and
capacitor with high switching frequency. It is available
in 2.5mm × 3.5mm QFN package.




Similar Part No. - XTPS55285VALR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTPS552892RYQR TI-XTPS552892RYQR Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
XTPS552892RYQR TI-XTPS552892RYQR Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
More results


Similar Description - XTPS55285VALR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
TPS55289 TI-TPS55289 Datasheet
3Mb / 48P
TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
MARCH 2022
TPS55289 TI-TPS55289_V01 Datasheet
3Mb / 51P
TPS55289 30-V, 8-A Buck-Boost Converter with I2C Interface
REVISED AUGUST 2022
logo
Richtek Technology Corp...
RT6160A RICHTEK-RT6160A Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
logo
Texas Instruments
TPS55289-Q1 TI1-TPS55289-Q1 Datasheet
5Mb / 53P
TPS55289-Q1 36V, 8A Buck-Boost Converter with I2C Interface
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com