Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG120X07T2 Datasheet (PDF) - StarPower Europe AG

DG120X07T2 Datasheet PDF - StarPower Europe AG
Part # DG120X07T2
Download  DG120X07T2 Download
File Size   484.07 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/120A IGBT with Diode

DG120X07T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG120X07T2 Datasheet PDF - StarPower Europe AG

Part # DG120X07T2
Download  DG120X07T2 Click to download

File Size   484.07 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 650V/120A IGBT with Diode

DG120X07T2 Datasheet (HTML) - StarPower Europe AG


DG120X07T2 Product details

General Description
DOSEMI IGBT Power Discrete provides ultra low conduction loss as well as low switching loss. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 Low switching loss
 Maximum junction temperature 175oC
 VCE(sat) with positive temperature coefficient
 Fast & soft reverse recovery anti-parallel FWD
 Lead free package

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - DG120X07T2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
More results


Similar Description - DG120X07T2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
300V, 120A PDP IGBT
logo
Naina Semiconductor ltd...
MBR12045CT NAINA-MBR12045CT Datasheet
137Kb / 2P
Silicon Schottky Diode, 120A
logo
IXYS Corporation
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
XPTTM 650V IGBT
logo
Vincotech
10-FY074PA050SM-M582F38 VINCOTECH-10-FY074PA050SM-M582F38 Datasheet
1Mb / 17P
650V IGBT H5 and 650V Stealth Si diode
logo
Renesas Technology Corp
RBN40H65T1FPQ-A0 RENESAS-RBN40H65T1FPQ-A0 Datasheet
309Kb / 5P
650V - 40A - IGBT
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
650V 120A IGBT
MM50GBU65B MACMIC-MM50GBU65B Datasheet
363Kb / 5P
650V 50A IGBT
September 2022 Version 04
MM75G5U65BX MACMIC-MM75G5U65BX Datasheet
313Kb / 7P
650V 75A IGBT
September 2021 Version 02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com