Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8049SDU Datasheet (PDF) - Monolithic Power Systems

MP8049SDU Datasheet PDF - Monolithic Power Systems
Part # MP8049SDU
Download  MP8049SDU Download
File Size   611.27 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Quad Channel Power Half-Bridge

MP8049SDU Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8049SDU Datasheet PDF - Monolithic Power Systems

Part # MP8049SDU
Download  MP8049SDU Click to download

File Size   611.27 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Quad Channel Power Half-Bridge

MP8049SDU Datasheet (HTML) - Monolithic Power Systems


MP8049SDU Product details

DESCRIPTION
The MP8049S is a configurable dual channel
full-bridge or quad channel half-bridge that can
be configured as the output stage of a Class-D
audio amplifier. Each full-bridge can be driven
independently as stereo single ended audio
amplifiers or driven complementary in a bridge
tied load (BTL) audio amplifier configuration.
The MP8049S features a low current shutdown
mode, standby mode, input under voltage
protection, current limit, thermal shutdown and
fault flag signal output. All channels of drivers
interface with standard logic signals.
The MP8049S is available in a 40 lead QFN
5X5 package.

FEATURES
 5V to 26V VDD
 ±5.5A Peak Current Output
 Up to 1MHz Switching Frequency
 Protected Integrated Power 0.14Ω Switches
 10ns Switch Dead Time
 All Switches Current Limited
 Internal Under Voltage Protection
 Internal Thermal Protection
 Short-circuit Protection
 Fault Output Flag
 Bridge Tied Load Output Power:
37W/Channel at 24V, 8Ω
APPLICATIONS
 Flat TV
 Home Theaters
 DVD Receivers




Similar Part No. - MP8049SDU

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8049SDU MPS-MP8049SDU Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
More results


Similar Description - MP8049SDU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
logo
Monolithic Power System...
MP8049S MPS-MP8049S Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
MP8048 MPS-MP8048 Datasheet
302Kb / 10P
22V, 4A Quad Channel Power Half-Bridge
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com