Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4240 Datasheet (PDF) - Solid State Inc

SMA4240 Datasheet PDF - Solid State Inc
Part # SMA4240
Download  SMA4240 Download
File Size   356.76 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 1A Maximum Continuous Load Current

SMA4240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4240 Datasheet PDF - Solid State Inc

Part # SMA4240
Download  SMA4240 Click to download

File Size   356.76 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 1A Maximum Continuous Load Current

SMA4240 Datasheet (HTML) - Solid State Inc


SMA4240 Product details

Features
 1A Maximum Continuous Load Current
 Low On Resistance (150m Typical)
 Low Input Control Current (5mA MAX)
 High Input-to-Output Isolation (1.5kV MIN)
 Ultra Miniature 4SOP Package
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Medical Equipment
 Security Systems
 Meter Reading Equipment
 Data Acquisition
 Battery Monitoring
 Multiplexers




Similar Part No. - SMA4240

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
High Input-to-Output Isolation
More results


Similar Description - SMA4240

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
SOLID STATE RELAY 1 Maximum Load current 1A
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
AD4C333 SSOUSA-AD4C333_15 Datasheet
366Kb / 9P
200mA Maximum Continuous Load Current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
400mA maximum continuous load current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
High Continuous Load Current (3.4A)
SMA4124 SSOUSA-SMA4124 Datasheet
223Kb / 6P
High Load Current (1A MAX Continuous)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com