Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

407C Datasheet (PDF) - Automatic Timing & Controls, Inc.

407C Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 407C
Download  407C Download
File Size   859.88 Kbytes
Page   3 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN Multi-Mode Timer

407C Datasheet (PDF)

Go To PDF Page Download Datasheet
407C Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 407C
Download  407C Click to download

File Size   859.88 Kbytes
Page   3 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN Multi-Mode Timer

407C Datasheet (HTML) - Automatic Timing & Controls, Inc.


407C Product details

• Selectable ON-Delay/OFF-Delay/Interval Timing Modes
• Separate Start Input
• Output Contacts rated 10A at 120/240 VAC and 30 VDC
• Six Timing Ranges in a single unit
• 1 and 10 SEC, MIN, and HRS
5 and 50 SEC, MIN, and HRS
• Universal Power Supply; 24-240 VAC and 24 VDC
• 48mm2 DIN Standard housing
• Large and easy to read dial shows decimal points
• Round (octal) socket mount or mount in panel cutout
• Range and Mode select are tamper proof when panel mounted
• Unique flashing cycle progress indication




Similar Part No. - 407C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
logo
3M Electronics
407 3M-407 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
407 MARATHON-407 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Dremel
407 DREMEL-407 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Keystone Electronics Co...
407 KEYSTONE-407 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 407C

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
pH Controller 1/16 DIN
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
logo
SELEC Controls Pvt. Ltd
600DT SELEC-600DT Datasheet
738Kb / 2P
17.5mm Din Rail Timer
600SD SELEC-600SD Datasheet
418Kb / 1P
17.5mm Din Rail Timer
600ST SELEC-600ST Datasheet
345Kb / 1P
17.5mm Din Rail Timer
600U SELEC-600U Datasheet
450Kb / 2P
17.5mm Din Rail Timer
800PSR SELEC-800PSR Datasheet
201Kb / 1P
22.5mm Din Rail Timer
800M SELEC-800M Datasheet
139Kb / 2P
22.5mm Din Rail Timer
800SQ-A SELEC-800SQ-A Datasheet
144Kb / 2P
DIN Rail Timer
800XC SELEC-800XC Datasheet
142Kb / 2P
DIN Rail Timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com