Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9525 Datasheet (PDF) - Hamamatsu Corporation

C9525 Datasheet PDF - Hamamatsu Corporation
Part # C9525
Download  C9525 Download
File Size   246.68 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY

C9525 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9525 Datasheet PDF - Hamamatsu Corporation

Part # C9525
Download  C9525 Click to download

File Size   246.68 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY

C9525 Datasheet (HTML) - Hamamatsu Corporation


C9525 Product details

OVERVIEW
The C9525 series is a bench-top type multipurpose power supply incorporating a high voltage power supply (maximum output of +2000 V/-2000 V for a photomultiplier tube) and constant voltage power supplies (±5 V and ±15 V for peripheral devices such as Hamamatsu amplifier units and photon counting unit). The four digit digital voltmeter on the front panel shows the output value of high voltage with high accuracy.

FEATURES
● Compact bench-top type
● Multiple outputs of ±5 V, ±15 V and high voltage (+2000 V, -2000 V)
● High stability
● USB control




Similar Part No. - C9525

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C952 PERKINELMER-C952 Datasheet
859Kb / 11P
CHANNEL PHOTO MULTIPLIER
C952P PERKINELMER-C952P Datasheet
859Kb / 11P
CHANNEL PHOTO MULTIPLIER
More results


Similar Description - C9525

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4D CANDD-PCI500-4D Datasheet
105Kb / 4P
DC/DC Compact PCI Power Supply
logo
Hamamatsu Corporation
C3830 HAMAMATSU-C3830 Datasheet
26Kb / 2P
COMPACT BENCH-TOP TYPE REGULATED DC POWER SUPPLY
C3866 HAMAMATSU-C3866 Datasheet
136Kb / 2P
COMPACT BENCH-TOP TYPE
C4720 HAMAMATSU-C4720 Datasheet
39Kb / 2P
COMPACT BENCH.TOP TYPE REGULATED DC POWER SUPPLY
logo
Molex Electronics Ltd.
57225-7100 MOLEX11-57225-7100 Datasheet
39Kb / 1P
IDT Bench-Top Terminator (Small Type)
0578277100 MOLEX11-0578277100 Datasheet
38Kb / 1P
IDT Bench-Top Terminator
logo
Recom International Pow...
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
Compact AC-DC Power Supply
logo
JFW Industries, Inc.
50BR-001 JFW-50BR-001_17 Datasheet
27Kb / 1P
BENCH TOP ROTARY ATTENUATOR
logo
Molex Electronics Ltd.
0578657000 MOLEX-0578657000 Datasheet
24Kb / 1P
IDT Bench-Top Terminator
10/02/2017
logo
Keysight Technologies
E36200 KEYSIGHT-E36200 Datasheet
861Kb / 14P
Autoranging Bench Power Supply
March 30, 2019
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com