Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTACF01-65WU Datasheet (PDF) - STMicroelectronics

EVLSTACF01-65WU Datasheet PDF - STMicroelectronics
Part # EVLSTACF01-65WU
Download  EVLSTACF01-65WU Download
File Size   1353.04 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STACF01 non-complementary Active Clamp Flyback controller demonstration board

EVLSTACF01-65WU Datasheet (PDF)

Go To PDF Page Download Datasheet
EVLSTACF01-65WU Datasheet PDF - STMicroelectronics

Part # EVLSTACF01-65WU
Download  EVLSTACF01-65WU Click to download

File Size   1353.04 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STACF01 non-complementary Active Clamp Flyback controller demonstration board

EVLSTACF01-65WU Datasheet (HTML) - STMicroelectronics


EVLSTACF01-65WU Product details

Features
• Universal AC input voltage: 90~264 VAC, 47~63 Hz
• Maximum output power: 65 W
• Selectable output voltage: 5-9-12-15-20 VDC
• Peak efficiency: 93.7% full load @230 VAC
• Standby power consumption:
• 46 mW@115 VAC
• 62 mW@230 VAC
• Key products: STACF01, MasterGaN1L, SRK1004

Applications
• AC-DC adapters for smartphones, laptops, and other handheld devices
• Offline SMPS




Similar Part No. - EVLSTACF01-65WU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLSTDRIVEG611 STMICROELECTRONICS-EVLSTDRIVEG611 Datasheet
2Mb / 16P
Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
03-Sep-2024
EVLSTGAP3S6S STMICROELECTRONICS-EVLSTGAP3S6S Datasheet
1Mb / 17P
Half-bridge evaluation board for STGAP3S6S SiC MOSFETs isolated gate driver with protections
25-Oct-2024
More results


Similar Description - EVLSTACF01-65WU

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
Voltage Mode Active Clamp Controller
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Texas Instruments
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
UCC28780 TI1-UCC28780 Datasheet
1Mb / 49P
Adaptive ZVS Active-Clamp Flyback Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
logo
ON Semiconductor
NCP1568 ONSEMI-NCP1568 Datasheet
823Kb / 42P
AC-DC Active Clamp Flyback PWM IC
July, 2020 ??Rev. 4
NCP1568 ONSEMI-NCP1568_V01 Datasheet
811Kb / 42P
AC-DC Active Clamp Flyback PWM IC
August, 2021 - Rev. 5
logo
Diodes Incorporated
AP3306 DIODES-AP3306 Datasheet
1Mb / 13P
HIGHLY INTEGRATED ACTIVE CLAMP FLYBACK PWM CONTROLLER
Rev. 6 - 2 May 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com