Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet (PDF) - STMicroelectronics

EVLSTDRIVEG611 Datasheet PDF - STMicroelectronics
Part # EVLSTDRIVEG611
Download  EVLSTDRIVEG611 Download
File Size   2408.87 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT

EVLSTDRIVEG611 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVLSTDRIVEG611 Datasheet PDF - STMicroelectronics

Part # EVLSTDRIVEG611
Download  EVLSTDRIVEG611 Click to download

File Size   2408.87 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT

EVLSTDRIVEG611 Datasheet (HTML) - STMicroelectronics


EVLSTDRIVEG611 Product details

Features
• Half-bridge topology featuring the STDRIVEG611 GaN gate driver with
integrated LDOs, separated sink/source, overcurrent protection, integrated
bootstrap diode, standby
• Equipped with 75 mΩ typ., 650 V e-mode HEMT GaN
• Tunable hard-on and hard-off dV/dt, set at 10 V/ns typ. for motor control
applications
• 10.6 to 18 V (12 V typ.) VCC supply voltage
• Onboard adjustable deadtime generator to convert a single PWM signal in
independent high-side and low-side inputs with deadtime
• Separated inputs with external deadtime can also be used
• Programmable overcurrent protection with SmartShutDown, set at 9.5 A
• Footprint for, optional, additional high-voltage bulk capacitor and bootstrap
diode
• Onboard 3.3 V regulator for external circuitry supply
• RoHS compliant.




Similar Part No. - EVLSTDRIVEG611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLSTACF01-65WU STMICROELECTRONICS-EVLSTACF01-65WU Datasheet
1Mb / 10P
STACF01 non-complementary Active Clamp Flyback controller demonstration board
05-Dec-2024
EVLSTGAP3S6S STMICROELECTRONICS-EVLSTGAP3S6S Datasheet
1Mb / 17P
Half-bridge evaluation board for STGAP3S6S SiC MOSFETs isolated gate driver with protections
25-Oct-2024
More results


Similar Description - EVLSTDRIVEG611

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
ON Semiconductor
NCP51820 ONSEMI-NCP51820 Datasheet
787Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
August, 2020 ??Rev. 2
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
logo
STMicroelectronics
EVALMASTERGAN4 STMICROELECTRONICS-EVALMASTERGAN4 Datasheet
6Mb / 13P
Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
26-Feb-2021
MASTERGAN4 STMICROELECTRONICS-MASTERGAN4 Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
logo
ON Semiconductor
NCP51810 ONSEMI-NCP51810 Datasheet
774Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
May, 2022 - Rev. 3
logo
STMicroelectronics
MASTERGAN1 STMICROELECTRONICS-MASTERGAN1 Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN2 STMICROELECTRONICS-MASTERGAN2 Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com