Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 1 Page - STMicroelectronics

  EVLSTDRIVEG611 Datasheet HTML 1Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 2Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 3Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 4Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Half-bridge topology featuring the STDRIVEG611 GaN gate driver with
integrated LDOs, separated sink/source, overcurrent protection, integrated
bootstrap diode, standby
Equipped with 75 mΩ typ., 650 V e-mode HEMT GaN
Tunable hard-on and hard-off dV/dt, set at 10 V/ns typ. for motor control
applications
10.6 to 18 V (12 V typ.) VCC supply voltage
Onboard adjustable deadtime generator to convert a single PWM signal in
independent high-side and low-side inputs with deadtime
Separated inputs with external deadtime can also be used
Programmable overcurrent protection with SmartShutDown, set at 9.5 A
Footprint for, optional, additional high-voltage bulk capacitor and bootstrap
diode
Onboard 3.3 V regulator for external circuitry supply
RoHS compliant.
Description
The STDRIVEG611 is a high-speed, half-bridge gate driver optimized to drive high-
voltage, enhanced mode, GaN HEMTs.
It features separated high current sink/source gate driving pins, integrated LDOs,
undervoltage, bootstrap diode, overcurrent protection with SmartShutDown,
overtemperature, fault and shutdown pins, and standby to fully support hard
switching topologies in a 4x5mm QFN package.
The EVLSTDRIVEG611 board is easy to use and quick and adapt for evaluating the
characteristics of the STDRIVEG611 driving the SGT120R65AL 75 mΩ typ., 650 V E-
Mode GaN switches in the 5x6 mm QFN package.
It provides an onboard programmable deadtime generator and a 3.3 V linear voltage
regulator to supply external logic like microcontrollers.
Spare footprints are also included to allow customizing the board for the final
application, such as separate LIN and HIN input signals or single PWM signal.
The EVLSTDRIVEG611 is 56 x 70 mm wide, 2 layers, 2 Oz, FR-4 PCB, resulting in
23 °C/W Rth(J‑A) (equivalent to 46 °C/W for each GaN) in still air to evaluate high
power applications.
Product status link
EVLSTDRIVEG611
Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver
with SGT120R65AL e-mode GaN HEMT
EVLSTDRIVEG611
Data brief
DB5115 - Rev 1 - September 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVLSTDRIVEG611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVLSTACF01-65WU STMICROELECTRONICS-EVLSTACF01-65WU Datasheet
1Mb / 10P
STACF01 non-complementary Active Clamp Flyback controller demonstration board
05-Dec-2024
EVLSTGAP3S6S STMICROELECTRONICS-EVLSTGAP3S6S Datasheet
1Mb / 17P
Half-bridge evaluation board for STGAP3S6S SiC MOSFETs isolated gate driver with protections
25-Oct-2024
More results

Similar Description - EVLSTDRIVEG611

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
ON Semiconductor
NCP51820 ONSEMI-NCP51820 Datasheet
787Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
August, 2020 ??Rev. 2
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
logo
STMicroelectronics
EVALMASTERGAN4 STMICROELECTRONICS-EVALMASTERGAN4 Datasheet
6Mb / 13P
Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
26-Feb-2021
MASTERGAN4 STMICROELECTRONICS-MASTERGAN4 Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
logo
ON Semiconductor
NCP51810 ONSEMI-NCP51810 Datasheet
774Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
May, 2022 - Rev. 3
logo
STMicroelectronics
MASTERGAN1 STMICROELECTRONICS-MASTERGAN1 Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN2 STMICROELECTRONICS-MASTERGAN2 Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com