Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EVLSTDRIVEG611 Datasheet HTML 4Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 10Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 11Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
4
Bill of materials
Table 4. EVLSTDRIVEG611 bill of materials
Part reference
Part description
Part value
Package / manufacturer’ code
CN1, CN2, CN3
Tab FASTON 250 horizontal
N.M.
C1, C2
SMT ceramic capacitor
100 nF / 630 V / X7R
Size 1210
C3
THT electrolytic capacitor
N.M.
diam 22 mm, pitch 10 mm
C4
Plastic film capacitor
N.M
pitch 22.5 mm
C5
SMT ceramic capacitor
10 µF / 25 V / X7R
Size 1206
Würth Elektronik 885012208069 or
equivalent
C6
SMT ceramic capacitor
220 nF / 50 V / X7R
Size 0603
Würth Elektronik 885012206125 or
equivalent
C7, C8, C11, C19,
C20, C22
SMT ceramic capacitor
100 nF / 25 V / X7R
Size 0603
Würth Elektronik 885012206071 or
equivalent
C9, C10
SMT ceramic capacitor
1.5 nF / 50 V / X7R
Size 0603
Würth Elektronik 885012206084 or
equivalent
C12, C13, C14, C24
SMT ceramic capacitor
10 pF / 50 V / NP0
Size 0805
Würth Elektronik 885012006051 or
equivalent
C15
SMT ceramic capacitor
330 pF / 50 V / X7R
Size 0603
Würth Elektronik 885012206080 or
equivalent
C16
SMT ceramic capacitor
22 nF / 25 V / X7R
Size 0603
Würth Elektronik 885012206067 or
equivalent
C17, C18
SMT ceramic capacitor
1 μF / 10 V / X7R
Size 0603
Würth Elektronik 885012206026 or
equivalent
C21, C23
SMT ceramic capacitor
1 nF / 50 V / X7R
Size 0603
Würth Elektronik 885012206083 or
equivalent
D1
Turbo 2 ultrafast high-voltage
rectifier
N.M.
SMA
D2, D3
40 V, 300 mA small signal
Schottky diode
BAT54J
SOD-323
STMicroelectronics BAT54JFILM or
equivalent
JP1
SMT jumper
OPEN
Soldering pads
J1, J2, J3
Strip connector
1x3 pins
Pitch 2.54 mm
Würth Elektronik 61300311121 or equivalent
J4
Strip connector
1x12 pins
Pitch 2.54 mm
Würth Elektronik 61301211121 or equivalent
J5
Terminal block T.H. 2 pos, 5.08
mm
2 poles
Pitch 5.08 mm
EVLSTDRIVEG611
Bill of materials
DB5115 - Rev 1
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com