Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 5 Page - STMicroelectronics

  EVLSTDRIVEG611 Datasheet HTML 1Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 2Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 3Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 4Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 2. EVLSTDRIVEG611 schematic - deadtime generator and connectors
HS DT
XNOR
LS DT
XOR
PWM --> LIN
PWM --> HIN
3.3V
12V typ
VDT
VDT
VDD
VCC
VCC
VDT
VDT
VCC
VDD
HIN
LIN
STBY
CIN
SD/OD_IN
FLT
R19
0R
J0603
R29
N.M.
J0603
C23
1nF/50V/X7R
C0603
R23
N.M.
J0603
R24 47R
R0603
R26
N.M.
J0603
TR1
1K
R31
0R
J0603
U3
74LVC1G86Q
A
1
B
2
GND
3
Y
4
VCC
5
R32
N.M.
J0603
C17
1uF/10V/X7R
C0603
R33
47k
R0603
C19
100nF/25V/X7R
C0603
C21
1nF/50V/X7R
C0603
JP1
OPEN
J0603
C18
1uF/10V/X7R
C0603
R25
0R
J0603
R20
205k
R0603
TP25
J5
1
2
TR2
1K
C22
100nF/25V/X7R
C0603
R27
N.M.
J0603
C24
10pF/50V/NP0
C0603
R28
0R
J0603
U4
74LV1T87GV
B
1
A
2
GND
3
Y
4
VCC
5
R21 N.M.
R0603
J6
N.M.
1
2
3
4
D2 BAT54J
U2 ST715MR
4
IN
5
OUT
R22 120k
R0603
C20
100nF/25V/X7R
C0603
R18
0R
J0603
R30 47R
R0603
J4
1
2
3
4
5
6
7
8
9
10
11
12
D3 BAT54J
HIN_skt
LIN_skt
DIR
PWM
HIN_skt
LIN_skt
PWM
EVLSTDRIVEG611
Schematic diagrams
DB5115 - Rev 1
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com