Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button EVLSTDRIVEG611 Datasheet HTML 2Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 3Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 4Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3
Board power-up and input connection
The following image shows how to supply the EVLSTDRIVEG611, how to provide LIN and HIN inputs and set the
programmable deadtime generator.
Figure 3. EVLSTDRIVEG611 - supply and signal connection
VCC GND
J1: HV BUS
J2: OUT, Half-bridge
middle point
J3: POWER GROUND
Single signal input for
deadtime generator
TR1: High-side
deadtime generator
TR2: Low-side
deadtime generator
Direct LIN & HIN inputs
(see Table 2)
J5: 12V typ gate driver supply
J4: Driver supply
and inputs connector
J1 & J3: Half bridge
high voltage supply
+
_
Direct LIN & HIN inputs selector
Single PWM input selector
The LIN, HIN inputs can be provided from the onboard deadtime generator or directly from an external generator
or control device (such as DSP/MCU).
The deadtime value set by the onboard deadtime generator, fed by PWM input signal on J4, can be tuned by
setting TR1 and TR2. The typical deadtime value with the trimmer in the default manufacturing middle position is
about 700 ns.
It is possible to change the deadtime generator range by changing C21 and C23. Polarity of PWM input can be
modified with R27 and R28 as in Table 3.
TR2 sets the deadtime between high-side turn-off and low-side turn-on.
TR1 sets the deadtime between low-side turn-off and high-side turn-on.
Table 1. Connector map
Ref
Pin #
Name
Function
Description
J4
1
VCC
IN power
Board supply voltage (12 V typ.)
2
VDD (3V3)
OUT power
Output voltage of onboard 3.3 V (adj.) regulator: it can be used to
supply external circuitry (up to about 50 mA)
3
STBY
IN digital
Standby input signal (active low)
4
CIN
OUT analog
Low-side current sense resistor voltage
6
FLT
OUT digital
Fault output (overcurrent, UVLO, overtemperature)
7
SD/OD
IN digital /
OUT analog
Disable input signal (0 to 3.3 V or up to 20 V) – see Table 3.
Open-drain output to set the disable time after an overcurrent
event (default ~1 ms).
9
HIN
IN digital
HIN direct input signal (0 to 3.3 V or up to 20 V): mount R23 and
remove R25 – see Table 2 and Table 3
10
LIN
IN digital
LIN direct input signal (0 to 3.3 V or up to 20 V): mount R29 and
remove R31 – see Table 2 and Table 3
12
PWM
IN digital
PWM input signal (0 to 3.3 V or 5 V) – see Table 2 and Table 3
EVLSTDRIVEG611
Board power-up and input connection
DB5115 - Rev 1
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com