Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 9 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 10Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 11Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 12Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Part reference
Part description
Part value
Package / manufacturer’ code
Würth Elektronik 691213510002 or
equivalent
J6
Strip connector
N.M.
Pitch 2.54 mm
Würth Elektronik 61300411121 or equivalent
Q1, Q2
Bottom-side cooled 650 V e-
mode GaN transistor
SGT120R65AL
PowerFLAT 5x6 mm HV
STMicroelectronics SGT120R65AL
R1, R6, R7, R8
SMT resistor
N.M.
Size 0805
R2, R9
SMT resistor
33 Ω
Size 0603
R3, R4, R24, R30
SMT resistor
47 Ω
Size 0603
R5
SMT resistor
25 mΩ
Size 2512
R10, R18, R19, R25,
R28, R31
SMT resistor
0 Ω
Size 0603
R11
SMT resistor
18 kΩ
Size 0603
R12, R15
SMT resistor
10 kΩ
Size 0603
R13, R17
SMT resistor
1 kΩ
Size 0603
R14, R21, R23, R26,
R27, R29, R32, R34
SMT resistor
N.M.
Size 0603
R16
SMT resistor
33 kΩ
Size 0603
R20
SMT resistor
205 kΩ
Size 0603
R22
SMT resistor
120 kΩ
Size 0603
R33
SMT resistor
47 kΩ
Size 0603
TP1, TP3, TP4, TP5,
TP6, TP8, TP10,
TP12, TP14, TP15,
TP16, TP17, TP19,
TP22, TP23, TP25
Test point for probe
-
Metallized Hole, 0.8 mm diameter
TP2, TP7, TP11,
TP13, TP18, TP24
Test point
-
Copper PAD, 1.016 mm diameter
TP9
Test point
-
Copper PAD, 1.27 mm diameter
TR1, TR2
Surface Mount Miniature
Trimmers Multi-Turn Cermet
Sealed
1 kΩ
Square 5 mm
Vishay TSM4YJ
U1
High-voltage, high-speed half-
bridge GaN gate driver
STDRIVEG611
QFN18 4x5 mm
STMicroelectronics STDRIVEG610Q
U2
High input voltage, 85 mA LDO
linear regulator
ST715MR
SOT23-5L
STMicroelectronics ST715MR or equivalent
U3
2- inputs EXCLUSIVE-OR gate
74LVC1G86Q
SOT23-5L
Diodes incorporeted 74LVC1G86QW5-7
orequivalent
U4
2-inputs EXCLUSIVE-NOR
gate
74LV1T87GV
SOT23-5L
Nexperia 74LV1T87GV or equivalent
EVLSTDRIVEG611
Bill of materials
DB5115 - Rev 1
page 9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com