Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 3 Page - STMicroelectronics

  EVLSTDRIVEG611 Datasheet HTML 1Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 2Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 3Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 4Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.4
Operating the evaluation board
To properly operate the board, follow these safety rules.
1. Work area safety:
The work area must be clean and tidy.
Do not work alone when boards are energized.
Protect against inadvertent access to the area where the board is energized using suitable barriers and
signs.
A system architecture that supplies power to the evaluation board must be equipped with additional
control and protective devices in accordance with the applicable safety requirements (that is, compliance
with technical equipment and accident prevention rules).
Use a non-conductive and stable work surface.
Use adequately insulated clamps and wires to attach measurement probes and instruments.
2. Electrical safety:
Remove the power supply from the board and electrical loads before taking any electrical
measurements.
Proceed with the arrangement of measurement setup, wiring, or configuration paying attention to high-
voltage sections.
Once the setup is complete, energize the board.
Danger: Do not touch the board when it is energized or immediately after it has been disconnected
from the voltage supply as several parts and power terminals containing potentially
energized capacitors need time to discharge.
Do not touch the board after disconnection from the voltage supply as several parts,
included PCB, may still be very hot.
The kit is not electrically isolated from DC input.
3. Personal safety
Always wear suitable personal protective equipment such as insulating gloves and safety glasses.
Take adequate precautions and install the board in such a way to prevent accidental touch. Use
protective shields such as, for example, an insulating box with interlocks if necessary.
EVLSTDRIVEG611
Safety and operating instructions
DB5115 - Rev 1
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com