Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLSTDRIVEG611 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVLSTDRIVEG611
Description  Evaluation board for STDRIVEG611 600 V high-speed half-bridge gate driver with SGT120R65AL e-mode GaN HEMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLSTDRIVEG611 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVLSTDRIVEG611 Datasheet HTML 3Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 4Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 5Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 6Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 7Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 8Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 9Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 10Page - STMicroelectronics EVLSTDRIVEG611 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ref
Pin #
Name
Function
Description
J4
5, 8, 11
GND
Power
Board reference potential
J2
1, 2, 3
OUT
OUT power
These three pins are connected to the OUT pin of the power stage:
connect the load to this terminal
J1
1, 2, 3
HV
IN power
These three pins are connected to the high voltage (HV) of the
GaN power stage.
Connect the half-bridge high-voltage positive supply.
J3
1, 2, 3
GND_P
Power
These three pins are connected to power ground.
Connect the half-bridge high-voltage negative supply.
J5
1
VCC
IN power
Board driver supply voltage 12 V typ. (as J4 pin 1)
2
GND
Power
Board reference potential
Table 2. Device input selection
Board
status
Input source R25, R31 R23, R29
Function and description
Default
PWM
J4: pin 12
0 Ω
(closed)
Open
LIN & HIN are generated by the onboard deadtime generator from a single
PWM signal.
PWM input range: 0 to 3.3 V (5 V compatible)
PWM
J4: pin 9, 10
Open
0 Ω
(closed)
Direct connection to LIN and HIN STDRIVEG611 pins.
LIN, HIN input range: up to 20 V
Table 3. Input signal truth table
Board inputs
PWM polarity
Driver inputs and outputs (1)
STBY
SD/OD
PWM
R27, R28
LIN HIN
Low-side
High-side
Half-bridge output
L
X
X
X
X
X
Off
Off
High-Z
X
L
H
(default, pull-up)
H
(default, pull-up)
L
R27 open,
R28 closed
(default)
H
L
On
Off
GND
H
L
H
Off
On (2)
HV (2)
L
R27 closed,
R28 open
L
H
Off
On (2)
HV (2)
H
H
L
On
Off
GND
1. With device not in VCC and VCCL UVLO, CIN < CINth and not in overtemperature.
2. With device not in VCCH UVLO
The recommended power-on sequence is to turn VCC on first, then apply the HV bus voltage. The recommended
power-off sequence is to turn off the HV bus supply first, then VCC.
EVLSTDRIVEG611
Board power-up and input connection
DB5115 - Rev 1
page 7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com