Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet (PDF) - STMicroelectronics

MASTERGAN1 Datasheet PDF - STMicroelectronics
Part # MASTERGAN1
Download  MASTERGAN1 Download
File Size   529.53 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power density 600V Half bridge driver with two enhancement mode GaN HEMT

MASTERGAN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASTERGAN1 Datasheet PDF - STMicroelectronics

Part # MASTERGAN1
Download  MASTERGAN1 Click to download

File Size   529.53 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High power density 600V Half bridge driver with two enhancement mode GaN HEMT

MASTERGAN1 Datasheet (HTML) - STMicroelectronics


MASTERGAN1 Product details

Features
• 600 V system-in-package integrating half-bridge gate driver and high-voltage
power GaN transistors:
– QFN 9 x 9 x 1 mm package
– RDS(ON) = 150 mΩ
– IDS(MAX) = 10 A
• Reverse current capability
• Zero reverse recovery loss
• UVLO protection on low-side and high-side
• Internal bootstrap diode
• Interlocking function
• Dedicated pin for shutdown functionality
• Accurate internal timing match
• 3.3 V to 15 V compatible inputs with hysteresis and pull-down
• Overtemperature protection
• Bill of material reduction
• Very compact and simplified layout
• Flexible, easy and fast design.

Application
• Switch-mode power supplies
• Chargers and adapters
• High-voltage PFC, DC-DC and DC-AC Converters
• UPS Systems
• Solar Power

Description
The MASTERGAN1 is an advanced power system-in-package integrating a gate
driver and two enhancement mode GaN transistors in half‑bridge configuration.
The integrated power GaNs have RDS(ON) of 150 mΩ and 650 V drain‑source
breakdown voltage, while the high side of the embedded gate driver can be easily
supplied by the integrated bootstrap diode.
The MASTERGAN1 features UVLO protection on both the lower and upper driving
sections, preventing the power switches from operating in low efficiency or
dangerous conditions, and the interlocking function avoids cross-conduction
conditions.
The input pins extended range allows easy interfacing with microcontrollers, DSP
units or Hall effect sensors.
The MASTERGAN1 operates in the industrial temperature range, -40°C to 125°C.
The device is available in a compact 9x9 mm QFN package.




Similar Part No. - MASTERGAN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MASTERGAN2 STMICROELECTRONICS-MASTERGAN2 Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
MASTERGAN2TR STMICROELECTRONICS-MASTERGAN2TR Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
MASTERGAN4 STMICROELECTRONICS-MASTERGAN4 Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
MASTERGAN4TR STMICROELECTRONICS-MASTERGAN4TR Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
More results


Similar Description - MASTERGAN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALMASTERGAN4 STMICROELECTRONICS-EVALMASTERGAN4 Datasheet
6Mb / 13P
Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
26-Feb-2021
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
STMicroelectronics
MASTERGAN4 STMICROELECTRONICS-MASTERGAN4 Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
MASTERGAN2 STMICROELECTRONICS-MASTERGAN2 Datasheet
680Kb / 29P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Jun-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com