Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # MASTERGAN1
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MASTERGAN1 Datasheet HTML 4Page - STMicroelectronics MASTERGAN1 Datasheet HTML 5Page - STMicroelectronics MASTERGAN1 Datasheet HTML 6Page - STMicroelectronics MASTERGAN1 Datasheet HTML 7Page - STMicroelectronics MASTERGAN1 Datasheet HTML 8Page - STMicroelectronics MASTERGAN1 Datasheet HTML 9Page - STMicroelectronics MASTERGAN1 Datasheet HTML 10Page - STMicroelectronics MASTERGAN1 Datasheet HTML 11Page - STMicroelectronics MASTERGAN1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC – BOOT = 0.5 V
RONH
High side turn on resistor
I(GH) = 1 mA (source)
50
ROFFH
High side turn off resistor
I(GH) = 1 mA (sink)
2
Logic inputs
Vil
LIN, HIN, SD/OD
Low level logic threshold voltage
TJ = 25°C
1.1
1.31
1.45
V
Full Temperature range(4)
0.8
Vih
High level logic threshold
voltage
TJ = 25°C
2
2.17
2.5
V
Full Temperature range(4)
2.7
Vihys
Logic input threshold hysteresis
0.7
0.96
1.2
V
IINh
LIN, HIN
Logic ‘1’ input bias current
LIN, HIN = 5 V
23
33
55
μA
IINl
Logic ‘0’ input bias current
LIN, HIN = GND
1
μA
RPD_IN
Input pull-down resistor
LIN, HIN = 5 V
90
150
220
ISDh
SD/OD
Logic “1” input bias current
SD/OD = 5 V
11
15
20
μA
ISDl
SD/OD
Logic “0” input bias current
SD/OD = 0 V
1
μA
RPD_SD
SD/OD
Pull-down resistor
SD/OD = 5 V
OpenDrain OFF
250
330
450
VTSD
SD/OD
Thermal shutdown unlatch
threshold
TJ = 25°C(5)
0.5
0.75
1
V
RON_OD
SD/OD
Open drain ON resistance
TJ = 25°C;
IOD = 400 mV(5)
8
10
18
Ω
IOL_OD
SD/OD
Open Drain low level sink
current
TJ = 25°C;
VOD = 400 mV(5)
22
40
50
mA
Over temperature protection
TTSD
Shutdown temperature
(4)
175
°C
THYS
Temperature hysteresis
(4)
20
°C
1. VCC UVLO is referred to VCC - GND.
2. VBO = VBOOT - VOUT.
3. RBD(on) is tested in the following way:
RBD(on) = [(VCC - VBOOTa) - (VCC - VBOOTb)] / [Ia - Ib]
Where: Ia is BOOT pin current when VBOOT = VBOOTa; Ib is BOOT pin current when VBOOT = VBOOTb
4. Range estimated by characterization, not tested in production.
5. Tested on wafer.
4.2
GaN power transistor
Table 6. GaN power transistor electrical characteristics (VGS = 6 V; TJ = 25°C, unless otherwise specified. )
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
GaN on/off states
V(BR)DS
Drain-source breakdown voltage
IDSS < 18 µA(1)
VGS = 0 V
650
V
MASTERGAN1
GaN power transistor
DS13417 - Rev 3
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com