Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MASTERGAN1
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MASTERGAN1 Datasheet HTML 11Page - STMicroelectronics MASTERGAN1 Datasheet HTML 12Page - STMicroelectronics MASTERGAN1 Datasheet HTML 13Page - STMicroelectronics MASTERGAN1 Datasheet HTML 14Page - STMicroelectronics MASTERGAN1 Datasheet HTML 15Page - STMicroelectronics MASTERGAN1 Datasheet HTML 16Page - STMicroelectronics MASTERGAN1 Datasheet HTML 17Page - STMicroelectronics MASTERGAN1 Datasheet HTML 18Page - STMicroelectronics MASTERGAN1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
6
Functional description
6.1
Logic inputs
The MASTERGAN1 features a half-bridge gate driver with three logic inputs to control the internal high-side and
low-side GaN transistors.
The devices are controlled through the following logic inputs:
SD/OD: Shutdown input, active low;
LIN: low-side driver inputs, active high;
HIN: high-side driver inputs, active high.
Table 9. Inputs truth table (applicable when device is not in UVLO)
Input pins
GaN transistors status
SD/OD
LIN
HIN
LS
HS
L
X(1)
X(1)
OFF
OFF
H
L
L
OFF
OFF
H
L
H
OFF
ON
H
H
L
ON
OFF
H
H(2)
H(2)
OFF
OFF
1. X: Don’t care
2. Interlocking
The logic inputs have internal pull-down resistors. The purpose of these resistors is to set a proper logic level in
case, for example, there is an interruption in the logic lines or the controller outputs are in tri-state conditions.
If logic inputs are left floating, the gate driver outputs are set to low level and the correspondent GaN transistors
are turned off.
The internal logic is able to transfer the control signal pulse longer than TIN_MIN = 120 ns and introduces a very
short propagation delay to output.
6.2
Bootstrap structure
A bootstrap circuitry is typically used to supply the high-voltage section. MASTERGAN1 integrates this structure,
realized by a patented integrated high-voltage DMOS, to reduce the external components.
The Boostrap integrated circuit is connected to VCC pin and is driven synchronously with the low-side driver.
The use of an external bootstrap diode in parallel to the integrated structure is possible, in particular if the
operating frequency is approximately higher than 500 kHz.
6.3
VCC supply pins and UVLO function
The VCC pin supplies current to the logic circuit, level-shifters in the low-side section and the integrated bootstrap
diode.
The PVCC pin supplies low-side output buffer. During output commutations the average current used to provide
gate charge to the high-side and low-side GaN transistors flows through this pin.
The PVCC pin can be connected either to the same supply voltage of the VCC pin or to a separated voltage
source. In case the same voltage source is used, it is suggested to connect VCC and PVCC pins by means of a
small decoupling resistance. The use of dedicated bypass ceramic capacitors located as close as possible to
each supply pin is highly recommended.
MASTERGAN1
Functional description
DS13417 - Rev 3
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com