Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet(PDF) 26 Page - STMicroelectronics

Part # MASTERGAN1
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button MASTERGAN1 Datasheet HTML 19Page - STMicroelectronics MASTERGAN1 Datasheet HTML 20Page - STMicroelectronics MASTERGAN1 Datasheet HTML 21Page - STMicroelectronics MASTERGAN1 Datasheet HTML 22Page - STMicroelectronics MASTERGAN1 Datasheet HTML 23Page - STMicroelectronics MASTERGAN1 Datasheet HTML 24Page - STMicroelectronics MASTERGAN1 Datasheet HTML 25Page - STMicroelectronics MASTERGAN1 Datasheet HTML 26Page - STMicroelectronics MASTERGAN1 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Switching time definition ............................................................ 11
Figure 4.
Typ ID vs. VDS at TJ=25°C ........................................................... 11
Figure 5.
Typ ID vs. VDS at TJ=125°C .......................................................... 11
Figure 6.
Typ RDS(on) vs. ID at TJ=25°C ......................................................... 12
Figure 7.
Typ RDS(on) vs. ID at TJ=125°C ........................................................ 12
Figure 8.
Typ ID vs. VDS ................................................................... 12
Figure 9.
Typ RDS(on) vs. TJ, normalized at 25°C................................................... 12
Figure 10.
Typ ISD vs. VSD, at TJ=25°C .......................................................... 13
Figure 11.
Typ ISD vs. VSD, at TJ=125°C ......................................................... 13
Figure 12.
Safe Operating Area at TJ=25°C ....................................................... 13
Figure 13.
Derating curve ................................................................... 13
Figure 14.
Typ Gate Charge at TJ=25°C ......................................................... 14
Figure 15.
Typ RDboot vs TJ .................................................................. 14
Figure 16.
VCC UVLO and Low Side ........................................................... 16
Figure 17.
VBO UVLO and High Side ........................................................... 16
Figure 18.
Thermal shutdown timing waveform .................................................... 17
Figure 19.
Typical application diagram – Resonant LLC converter ....................................... 18
Figure 20.
Typical application diagram – Active clamp flyback .......................................... 18
Figure 21.
QFN 9 x 9 x 1 mm package dimensions .................................................. 20
Figure 22.
Suggested footprint (top view drawing) .................................................. 21
MASTERGAN1
List of figures
DS13417 - Rev 3
page 26/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com