Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MASTERGAN1
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MASTERGAN1 Datasheet HTML 13Page - STMicroelectronics MASTERGAN1 Datasheet HTML 14Page - STMicroelectronics MASTERGAN1 Datasheet HTML 15Page - STMicroelectronics MASTERGAN1 Datasheet HTML 16Page - STMicroelectronics MASTERGAN1 Datasheet HTML 17Page - STMicroelectronics MASTERGAN1 Datasheet HTML 18Page - STMicroelectronics MASTERGAN1 Datasheet HTML 19Page - STMicroelectronics MASTERGAN1 Datasheet HTML 20Page - STMicroelectronics MASTERGAN1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
6.5
Thermal shutdown
The integrated gate driver has a thermal shutdown protection.
When junction temperature reaches the TTSD temperature threshold, the device turns off both GaN transistors
leaving the half-bridge in 3-state and signaling the state forcing SD/OD pin low. SD/OD pin is released when
junction temperature is below TTSD-THYS and SD/OD is below VTSD.
GaN are driven again according to inputs when SD/OD rises above Vih.
The thermal smart shutdown system gives the possibility to increase the time constant of the external RC network
(that determines the disable time after the overtemperature event) up to very large values without delaying the
protection.
Figure 18. Thermal shutdown timing waveform
THERMAL SHUTDOWN CIRCUIT
GH/GL
OD gate
(internal)
Fast shut down
the driver outputs are switched off
disable time
SD/OD
TTSD
THYS
TTSD -
Vih
V
0 V
TSD
VOD
TJ
t1
t2
VPU
SD/OD
FROM / TO
CONTROLLER
COD
THERMAL
SHUTDOWN
LOGIC
RON_OD
RPD_SD
ROD_ext
2
1
immediately after overtemperature
MASTERGAN1
Thermal shutdown
DS13417 - Rev 3
page 17/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com