Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # MASTERGAN1
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button MASTERGAN1 Datasheet HTML 19Page - STMicroelectronics MASTERGAN1 Datasheet HTML 20Page - STMicroelectronics MASTERGAN1 Datasheet HTML 21Page - STMicroelectronics MASTERGAN1 Datasheet HTML 22Page - STMicroelectronics MASTERGAN1 Datasheet HTML 23Page - STMicroelectronics MASTERGAN1 Datasheet HTML 24Page - STMicroelectronics MASTERGAN1 Datasheet HTML 25Page - STMicroelectronics MASTERGAN1 Datasheet HTML 26Page - STMicroelectronics MASTERGAN1 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Contents
1
Block diagram .....................................................................2
2
Pin description and connection diagram ...........................................3
2.1
Pin list ........................................................................ 3
3
Electrical Data .....................................................................5
3.1
Absolute maximum ratings....................................................... 5
3.2
Recommended operating conditions .............................................. 6
3.3
Thermal data .................................................................. 6
4
Electrical characteristics...........................................................7
4.1
Driver ........................................................................ 7
4.2
GaN power transistor ........................................................... 8
5
Device characterization values....................................................10
6
Functional description ............................................................15
6.1
Logic inputs .................................................................. 15
6.2
Bootstrap structure ............................................................ 15
6.3
VCC supply pins and UVLO function ............................................. 15
6.4
VBO UVLO protection .......................................................... 16
6.5
Thermal shutdown............................................................. 17
7
Typical application diagrams......................................................18
8
Package information..............................................................19
8.1
QFN 9 x 9 x 1 mm, 31 leads, pitch 0.6 mm package information ...................... 19
9
Suggested footprint ..............................................................21
10
Ordering information .............................................................22
Revision history .......................................................................23
Contents ..............................................................................24
List of tables ..........................................................................25
List of figures..........................................................................26
MASTERGAN1
Contents
DS13417 - Rev 3
page 24/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com