Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MASTERGAN1
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MASTERGAN1 Datasheet HTML 6Page - STMicroelectronics MASTERGAN1 Datasheet HTML 7Page - STMicroelectronics MASTERGAN1 Datasheet HTML 8Page - STMicroelectronics MASTERGAN1 Datasheet HTML 9Page - STMicroelectronics MASTERGAN1 Datasheet HTML 10Page - STMicroelectronics MASTERGAN1 Datasheet HTML 11Page - STMicroelectronics MASTERGAN1 Datasheet HTML 12Page - STMicroelectronics MASTERGAN1 Datasheet HTML 13Page - STMicroelectronics MASTERGAN1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
5
Device characterization values
The information in Table 7 and Table 8 represents typical values based on characterization and simulation results
and are not subject to the production test.
Table 7. GaN power transistor characterization values
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
QG
Total gate charge
VGS = 6 V,
TJ = 25°C
VDS = 0 to 400 V
2
nC
QOSS
Output charge
VGS = 0 V,
VDS = 400 V
20
nC
EOSS
Output capacitance stored energy
2.7
µJ
COSS
Output capacitance
20
pF
CO(ER)
Effective output capacitance energy
related(1)
VGS = 0 V,
VDS = 0 to 400 V
31
pF
CO(TR)
Effective output capacitance time
related(2)
50
pF
QRR
Reverse recovery charge
0
nC
IRRM
Reverse recovery current
0
A
1. CO(ER) is the fixed capacitance that would give the same stored energy as COSS while VDS is rising from 0 V to the stated
VDS
2. CO(TR) is the fixed capacitance that would give the same charging time as COSS while VDS is rising from 0 V to the stated
VDS
Table 8. Inductive load switching characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
t(on)(1)
Turn-on time
VS = 400 V,
VGS = 6 V,
ID = 3.2 A
See Figure 3
70
ns
tC(on)(2)
Crossover time (on)
15
ns
t(off)(1)
Turn-off time
70
ns
tC(off)(2)
Crossover time (off)
15
ns
tSD
Shutdown to high/low-side propagation
delay
70
ns
Eon
Turn-on switching losses
12.5
µJ
Eoff
Turn-off switching losses
2.5
µJ
1. t(on) and t(off) include the propagation delay time of the internal driver
2. tC(on) and tC(off) are the switching times of GaN transistor itself under the internally given gate driving conditions
MASTERGAN1
Device characterization values
DS13417 - Rev 3
page 10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com