Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

99026 Datasheet (PDF) - IXYS Corporation

99026 Datasheet PDF - IXYS Corporation
Part # 99026
Download  99026 Download
File Size   839.87 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HALF BRIDGE DRIVER Evaluation Board

99026 Datasheet (PDF)

Go To PDF Page Download Datasheet
99026 Datasheet PDF - IXYS Corporation

Part # 99026
Download  99026 Click to download

File Size   839.87 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HALF BRIDGE DRIVER Evaluation Board

99026 Datasheet (HTML) - IXYS Corporation


99026 Product details

Introduction
The EVBD4400 evaluation board implements a single power phaseleg circuit on a double sided PCB with ground plane, using the proven ISOSMARTTM HALF BRIDGE DRIVER CHIPSET - IXBD4410, IXBD4411, IXDP630. The IXDP631 is optional. This board includes all parts required for the circuit implementation so that you can just follow the instructions in this document and connect the board to the load and power. The kit consists of an assembled and tested PCB with two power devices.

Features
• High to low side isolation of 1000V
• Common-mode dv/dt immunity of greater than
   50V/nanosecond
• On-chip generated negative gate drive
• Overcurrent protection by means of desaturation
   detection
• Under voltage lockout
• Fault indication output for system diagnostic
• Optimized power circuit layout
• High side bootstrap supply
• Sockets for freewheeling fast recovery diodes
   (FREDS)
• Flexibility of power level utilization
• 5V compatible HCMOS input logic with hysterisis
• Protection from cross conduction of the half
   bridge
• Simple, fast and low cost means of evaluation
   and design
• Option for using IXDP630 with RC oscillator or
   IXDP631 with crystal oscillator for improved dead
   time accuracy.
• Three phase operation with the ability to attach
   additional slave driver boards.




Similar Part No. - 99026

ManufacturerPart #DatasheetDescription
logo
Littelfuse
99026 LITTELFUSE-99026 Datasheet
173Kb / 1P
RELAY SOCKETS
092016
More results


Similar Description - 99026

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com