Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

99026 Datasheet(PDF) 4 Page - IXYS Corporation

Part # 99026
Description  HALF BRIDGE DRIVER Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99026 Datasheet(HTML) 4 Page - IXYS Corporation

  99026 Datasheet HTML 1Page - IXYS Corporation 99026 Datasheet HTML 2Page - IXYS Corporation 99026 Datasheet HTML 3Page - IXYS Corporation 99026 Datasheet HTML 4Page - IXYS Corporation 99026 Datasheet HTML 5Page - IXYS Corporation 99026 Datasheet HTML 6Page - IXYS Corporation 99026 Datasheet HTML 7Page - IXYS Corporation 99026 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
EVBD4400
Bill of Materials
Reference Qty. Description
Mfr.
Part No.
U1
1
Low side gate driver I.C.
IXYS
IXBD4410PI
U2
1
High side gate driver I.C
IXYS
IXBD4411PI
U3
1
Dead time generator I.C. (IXDP631 optional)
IXYS
IXDP630
U4
1
5V regulator
National Semi.
LM78L05ACZ
D1
1
1A, 1000V high speed diode
ITS
BYT11-1000
U1, U2
2
16 pin socket
Assmann
A16-LC-TT
U3
1
18 pins socket
Assmann
A18-LC-TT
D2, D3
2
20V, 1A Shottky diode
Diodes Inc
1N5817
Q1, Q2
2
High voltage power device
IXYS
IXTH6N90
T1
1
Interfacetransformer
IXYS
TX02-4400PI
R1
1
10 ohm, 1/4 W resistor
R15, 16
2
4.7ohm, 1/4 W resistors
R3, 4, 6, 11
4
22 ohm, 1/4 W resistors
R5, 10
2
68 ohm, 1/4 W resistors
R7, 12
2
4.7k ohm, 1/4 W resistors
R2, 18, 19
3
10k ohm, 1/4 W resistor
R8, 9, 13, 14
4
510k ohm, 1 W resistors
R17
1
3k ohm, 1/4 W IXDP630 osc timing resistor
C22
1
82pF IXDP630 osc timing cap
C2,3,7,9,11,13, 21 7
.1mF, 50V, ceramic cap
Panasonic
C5, 6, 16,17,18,19 6
.022mF, 50V, cermaic cap
Panasonic
C8,12, 20
3
.01mF, 50V, ceramic cap
Panasonic
C1,4,10,14
4
10mF, 25V, alum elect cap
Panasonic
C15
1
.1mF, 1000V, ceramic cap
Sprague
10GAP10
P1
1
8 pin header (cut into a 8 pin header)
Berg
68000-236
JP1, JP2
2
2 pin header/ jumpers (cut into 2 pin headers) Berg
68000-236
NOTINCLUDED:
U3
1
Crystal based dead time generator
IXYS
IXDP631
D4, D5
2
12A, 1000V fast recovery diode
IXYS
DSEI12-10A
P2
1
4 pole terminal block
Altech Corp.
AKZ250/4
R17
1
1M ohm, 1/4 W IXDP631 osc load resistor
C22, 23
2
Crystal load capacitors, 22pF 50V ceramic
Panasonic
Y1
1
Crystal for IXDP631 operation
Pletronics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com