Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet (PDF) - Hamamatsu Corporation

L9907 Datasheet PDF - Hamamatsu Corporation
Part # L9907
Download  L9907 Download
File Size   50.08 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Red LED AlGaInP resonant cavity LED for POF data communication

L9907 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9907 Datasheet PDF - Hamamatsu Corporation

Part # L9907
Download  L9907 Click to download

File Size   50.08 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Red LED AlGaInP resonant cavity LED for POF data communication

L9907 Datasheet (HTML) - Hamamatsu Corporation


L9907 Product details

Red LED

AlGaInP resonant cavity LED for POF data communication



Features

High-speed response: 70 MHz

Optical output power: 1.1 mW

Emission area diameter: 100 µm

Stable optical output with low temperature dependence: 85 ˚C/25 ˚C=70 %



Applications

POF (Plastic Optical Fiber) communication

Light source for optical switches



 



 




Similar Part No. - L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9907 STMICROELECTRONICS-L9907 Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
L9907 STMICROELECTRONICS-L9907 Datasheet
860Kb / 49P
Automotive FET driver for 3 phase BLDC motor
27-Apr-2021
L9907N STMICROELECTRONICS-L9907N Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
L9907ND STMICROELECTRONICS-L9907ND Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
L9907TR STMICROELECTRONICS-L9907TR Datasheet
860Kb / 49P
Automotive FET driver for 3 phase BLDC motor
27-Apr-2021
More results


Similar Description - L9907

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A466 MITEL-1A466 Datasheet
198Kb / 9P
Resonant Cavity LED(Datacom, General Purpose)
logo
Marktech Corporate
LP377AHR1-A0G MARKTECH-LP377AHR1-A0G Datasheet
60Kb / 2P
P4 AlGaInP Red Ultra Bright LED
LP377THR1-A0G MARKTECH-LP377THR1-A0G Datasheet
223Kb / 2P
P4 AlGaInP Red Ultra Bright LED
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
Red LED for optical link Emitter for 156 Mbps POF communications
logo
BRIGHT LED ELECTRONICS ...
BL-BF03V1 BRIGHT-BL-BF03V1 Datasheet
117Kb / 2P
LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF43V4V BRIGHT-BL-BF43V4V Datasheet
162Kb / 2P
LED AlGaInP/GaAs Super Red Low current requirement.
BL-BS03V1 BRIGHT-BL-BS03V1 Datasheet
186Kb / 2P
LED AlGaInP/GaAs Super Red Low current requirement.
BL-BU23V1M BRIGHT-BL-BU23V1M Datasheet
128Kb / 2P
LED AlGaInP/GaAs Super Red Low current requirement.
logo
Roithner LaserTechnik G...
RC650-TO46FW ROITHNER-RC650-TO46FW Datasheet
451Kb / 3P
red resonant cavity light emitting diode
RC-LED-650-02 ROITHNER-RC-LED-650-02 Datasheet
473Kb / 3P
resonant cavity led module
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com