Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet (PDF) - STMicroelectronics

L9907 Datasheet PDF - STMicroelectronics
Part # L9907
Download  L9907 Download
File Size   860.09 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive FET driver for 3 phase BLDC motor

L9907 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9907 Datasheet PDF - STMicroelectronics

Part # L9907
Download  L9907 Click to download

File Size   860.09 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive FET driver for 3 phase BLDC motor

L9907 Datasheet (HTML) - STMicroelectronics


L9907 Product details

Features
 AEC-Q100 qualified
 Supply voltage from 4.2 V to 54 V
 The device can withstand -7 V to 90 V at the
FET high-side Driver pins
 Low standby current consumption
 Compatible with 3.3 V and 5 V Logic Level
 All logic pins withstand 35 V
 Boost regulator for full Rdson down to 6 V
battery voltage
 3 low-side + 3 high-side independent gate
drivers
 PWM operation up to 20 kHz
 Adjustable gate driver controlled current up to
600 mA
 2 programmable differential current sense
amplifiers
 8 MHz, 16-bit SPI interface
 Programmable parameters:
– Cross conduction dead time
– External MOSFET gate current level
– Current sense amplifier mode, offset and
gain
– Input over voltage threshold
– Short circuit detection
Protection and diagnostic
 Gate to source output voltage limit
 Gate to source passive switch off
 FET driver supply UV diagnostic
 OV, UV diagnostic and protection on VB and
VCC
 External MOSFET overcurrent protection
 Over-temperature diagnostic and shutdown
Applications
 Electric power steering
 Electric brake booster
 Generic brushless DC motor driving




Similar Part No. - L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9907 STMICROELECTRONICS-L9907 Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
logo
Hamamatsu Corporation
L9907 HAMAMATSU-L9907 Datasheet
50Kb / 2P
Red LED AlGaInP resonant cavity LED for POF data communication
logo
STMicroelectronics
L9907N STMICROELECTRONICS-L9907N Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
L9907ND STMICROELECTRONICS-L9907ND Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
More results


Similar Description - L9907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com