Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 1 Page - STMicroelectronics

  L9907 Datasheet HTML 1Page - STMicroelectronics L9907 Datasheet HTML 2Page - STMicroelectronics L9907 Datasheet HTML 3Page - STMicroelectronics L9907 Datasheet HTML 4Page - STMicroelectronics L9907 Datasheet HTML 5Page - STMicroelectronics L9907 Datasheet HTML 6Page - STMicroelectronics L9907 Datasheet HTML 7Page - STMicroelectronics L9907 Datasheet HTML 8Page - STMicroelectronics L9907 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
This is information on a product in full production.
April 2021
DS11800 Rev 5
1/49
L9907
Automotive FET driver for 3 phase BLDC motor
Datasheet
- production data
Features
 AEC-Q100 qualified
 Supply voltage from 4.2 V to 54 V
 The device can withstand -7 V to 90 V at the
FET high-side Driver pins
 Low standby current consumption
 Compatible with 3.3 V and 5 V Logic Level
 All logic pins withstand 35 V
 Boost regulator for full Rdson down to 6 V
battery voltage
 3 low-side + 3 high-side independent gate
drivers
 PWM operation up to 20 kHz
 Adjustable gate driver controlled current up to
600 mA
 2 programmable differential current sense
amplifiers
 8 MHz, 16-bit SPI interface
 Programmable parameters:
– Cross conduction dead time
– External MOSFET gate current level
– Current sense amplifier mode, offset and
gain
– Input over voltage threshold
– Short circuit detection
Protection and diagnostic
 Gate to source output voltage limit
 Gate to source passive switch off
 FET driver supply UV diagnostic
 OV, UV diagnostic and protection on VB and
VCC
 External MOSFET overcurrent protection
 Over-temperature diagnostic and shutdown
Applications
 Electric power steering
 Electric brake booster
 Generic brushless DC motor driving
Description
L9907 is a gate driver unit controlling 6 N-channel
FETs for brushless DC motors in automotive
applications.
Each pre-driver channel can be controlled
independently allowing the implementation of all
kinds of electric motor control strategy.
The base gate output current is set via an
external resistor, while via SPI it is possible to
select among 4 gate output current levels even
when the application is running.
L9907 is equipped with 2 current sense amplifiers
with configurable mode, gain and offset to
guarantee maximum flexibility for phase or
ground current sense strategy.
Full diagnostic is available through SPI.
GAPGPS00129
TQFP64 (exposed pad down)
Table 1. Device summary
Order code
Package
Packing
L9907
TQFP64
(10x10x1.0 mm)
Tray
L9907TR
Tape & reel
www.st.com


Similar Part No. - L9907

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9907 STMICROELECTRONICS-L9907 Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
logo
Hamamatsu Corporation
L9907 HAMAMATSU-L9907 Datasheet
50Kb / 2P
Red LED AlGaInP resonant cavity LED for POF data communication
logo
STMicroelectronics
L9907N STMICROELECTRONICS-L9907N Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
L9907ND STMICROELECTRONICS-L9907ND Datasheet
83Kb / 8P
MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
Dec-1996
More results

Similar Description - L9907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com