Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 16Page - STMicroelectronics L9907 Datasheet HTML 17Page - STMicroelectronics L9907 Datasheet HTML 18Page - STMicroelectronics L9907 Datasheet HTML 19Page - STMicroelectronics L9907 Datasheet HTML 20Page - STMicroelectronics L9907 Datasheet HTML 21Page - STMicroelectronics L9907 Datasheet HTML 22Page - STMicroelectronics L9907 Datasheet HTML 23Page - STMicroelectronics L9907 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Electrical specifications
L9907
20/49
DS11800 Rev 5
3.4
Temperature ranges and thermal data
3.5
Electrical characteristics
All voltages referred to ground (SGNDx ground) and currents are assumed to be positive
when current flows into the pin.
3.5.1
Supply
The device is operated in the specified operating range, unless otherwise specified
(VCC = 3.20 V to 5.25 V, VB = 4.2 V to 54 V, Tj = -40 °C to 150 °C).
Table 11. Temperature ranges and thermal data
Symbol
Parameter
Min
Max
Unit
Tj
Operating junction temperature
-40
150
°C
100 hours over lifetime temperature (1)
1. Functionality is guaranteed, the specified limits may be exceeded.
-175
°C
Tstg
Storage temperature
-55
150
°C
Tot
Thermal shutdown temperature
175
205
°C
Thys
Thermal shutdown temperature hysteresis(2)
2. Guaranteed by design.
10
-
°C
Rth j-amb
Thermal resistance junction-to-ambient (3)
3. IC soldered on 2s2p PCB thermally enhanced.
-23
°C/W
Rth j-case
Thermal resistance junction-to-case
-
3
°C/W
Table 12. Supply electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VB
Operating supply voltage range
-
4.2
-
54
V
VB OV_1
Overvoltage threshold for double
battery applications (L9907)
VBOV2,VBOV1= 01
36
-
42
V
VB OV_2
Overvoltage threshold for single
battery application
VBOV2,VBOV1= 10
27.5
31
34.5
V
Td VB
Overvoltage time delay for noise
rejection
(guaranteed through scan)
30
-
80
µs
VB UV
Undervoltage disable threshold
-
4.2
4.6
5
V
Td UV
Undervoltage time delay for noise
rejection
(guaranteed through scan)
30
-
80
µs
IVB(dis)
Supply current
VB= 13V, Vcc < 0.5 V, room
temperature
-1
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com