Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 32Page - STMicroelectronics L9907 Datasheet HTML 33Page - STMicroelectronics L9907 Datasheet HTML 34Page - STMicroelectronics L9907 Datasheet HTML 35Page - STMicroelectronics L9907 Datasheet HTML 36Page - STMicroelectronics L9907 Datasheet HTML 37Page - STMicroelectronics L9907 Datasheet HTML 38Page - STMicroelectronics L9907 Datasheet HTML 39Page - STMicroelectronics L9907 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
SPI operation
L9907
36/49
DS11800 Rev 5
If EN1 and EN2 are both asserted while a SPI cycle CMD4 or CMD1 with WE=1 is ongoing,
then a SPI communication error is generated and the corresponding SPI command is
ignored.
The effect of any fault (except Shoot Through) can be selectively masked from Micro
Controller setting at '0' proper register. FS_FLAG status and SDO report are not affected
since fault detection always acts in the same way. Default value for these bits is '1' (fault
effect enabled). Once the fault effect is re-enabled with SPI communication the IC reacts to
fault as described in the specific paragraph if the fault is still present.
6.
CMD4 SPI command register
SDI bit B12: REGOFF_EN
This bit is accessible for writing only if AND(EN1,EN2)='0': trying to write it without
lowering AND(EN1,EN2) will generate SPI error.
Once written, CMD4 B12 determines if the REG_OFF procedure is active or not
(default: not active).
7.
REG_OFF procedure (active only if CMD4 B12 is set; refer also to Section 2.3)
Lowering EN1 external pin triggers the procedure to switch off regulators that supply
the HS and LS FET drivers: filter time, active only on the falling edge of the EN1 signal,
is implemented: 8*tosc
 TFILT  16*tosc.
Once the procedure has been triggered, the device behaves as follows:
REG_OFF = '1', EN_PWM = "000", FS_FLAG = '0', DIAG2 bit B6 set
In order to re-engage, the correct procedure is to toggle AND(EN1,EN2) then read the
DIAG2 SPI register (to verify that bit B6 is set).
Toggling of AND(EN1,EN2) will re-engage the output commands (EN_PWM = "111")
while subsequent reading of DIAG2 register will re-engage HS/LS drivers supply
(REG_OFF = '0') and release FS_FLAG.
In order to avoid activating output commands while regulators that supply the HS and
LS FET drivers are in power-up phase (this could generate current shape distortion)
Table 35. CMD4 SDI SPI bits vs. enabled fault
CMD4 SDI SPI BIT
Name
Description (Default value=’1’)
B9
EN_VccOV
It enables VCCOV fault effect in case of VCCOV fault detection
B8
EN_VccUV
It enables VCCUV fault effect in case of VCCUV fault detection
B7
EN_UV_HS
It enables UV_HS fault effect in case of UV_HS fault detection
B6
EN_UV_LS
It enables UV_LS fault effect in case of UV_LS fault detection
B5
EN_VSCHS1
It enables VSCHS1 fault effect in case of VSCHS1 fault detection
B4
EN_VSCHS2
It enables VSCHS2 fault effect in case of VSCHS2 fault detection
B3
EN_VSCHS3
It enables VSCHS3 fault effect in case of VSCHS3 fault detection
B2
EN_VSCLS1
It enables VSCLS1 fault effect in case of VSCLS1 fault detection
B1
EN_VSCLS2
It enables VSCLS2 fault effect in case of VSCLS2 fault detection
B0
EN_VSCLS3
It enables VSCLS3 fault effect in case of VSCLS3 fault detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com