Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 15Page - STMicroelectronics L9907 Datasheet HTML 16Page - STMicroelectronics L9907 Datasheet HTML 17Page - STMicroelectronics L9907 Datasheet HTML 18Page - STMicroelectronics L9907 Datasheet HTML 19Page - STMicroelectronics L9907 Datasheet HTML 20Page - STMicroelectronics L9907 Datasheet HTML 21Page - STMicroelectronics L9907 Datasheet HTML 22Page - STMicroelectronics L9907 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
DS11800 Rev 5
19/49
L9907
Electrical specifications
48
3.3
ESD protection
HBM according to MIL 883C, Method 3015.7 or EIA/JESD22-A114_A. HBM with all
unzapped pins grounded.
Gate current selection pin
GCR
-0.3
4.6
V
-10
+10
mA
Current sense amplifier pins
IS1+,IS1-,IS2+,IS2-
-7
75
V
-10
10
mA
Differential voltage between ISx +/-
Abs |ISx+ - ISx-|
-
15
V
High-side drain sense
VDH
-4
75
V
-10
10
mA
FET-driver pins
HS Bootstrap Cap pins: CBS_1 to 3
-0.3
90
V
Differential gate to source HS pins:
V(GHS_x) - V(SHS_x), x = 1 to 3(2)
-0.3
20
V
Source HS pins: SHS_1 to 3
-7
75
V
Source LS pins: SLS_1 to 3
-7
10
V
FET driver pins
Differential gate to source LS pins:
V(GLS_x) - V(SLS_x), x = 1 to 3(2)
-0.3
20
V
Current sense amplifier differential
voltage
BST_C-ISxx
-0.3
90
V
GND pins
BGND and DGND
-0.3
4.6
V
AGND and EP
-0.3
0.3
V
1. In standard battery level application (12 V systems) the I/O pins and Vcc pin can stand a short to battery up
to 35 V. A short to 35 V battery on any output pin also forces the Vcc to approximately 35 V. Care must be
taken in order to avoid that under such conditions the Vcc pin is strongly pulled down to 5 V (or 3.3 V) with
a current exceeding the absolute maximum ratings level.
2. Negative AMR is -0.3 V or -20 mA.
Table 9. Absolute maximum ratings (continued)
Parameter
Pin
Min
Max
Unit
Table 10. ESD protection
Parameter
Condition
Min
Max
Unit
Logic and power pins
Human body model
-2
2
kV
FET driver pins
Human body model
-2
2
kV
All pins but corner pins
Charge device model
-250
250
V
Corner pins
Charge device model
-750
750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com