Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 7Page - STMicroelectronics L9907 Datasheet HTML 8Page - STMicroelectronics L9907 Datasheet HTML 9Page - STMicroelectronics L9907 Datasheet HTML 10Page - STMicroelectronics L9907 Datasheet HTML 11Page - STMicroelectronics L9907 Datasheet HTML 12Page - STMicroelectronics L9907 Datasheet HTML 13Page - STMicroelectronics L9907 Datasheet HTML 14Page - STMicroelectronics L9907 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DS11800 Rev 5
11/49
L9907
Functional description
48
2.4
Boost converter
The purpose of the Boost converter is to generate a voltage around 10 V higher than the
one present at VDH monitor pin. This voltage is used to supply HS drivers (through
dedicated regulators) and LS drivers (through VCAP regulator). The regulated voltage is
present at BST_C pin. BST_L pin is the drain of an integrated NDMOS switch. VCAP
regulator is a current limited voltage regulator, fed by Boost and referred to SLS3 voltage,
used to supply LS drivers. Each HS driver has a current limited voltage regulator that is fed
by Boost, referred to SHSx pins and with regulated voltage present at CBSx pins. These
regulators limit VGS of the external FETs. Overvoltage at BST_C pin (e.g. due to low current
demand) is limited by skipping turn on pulses until over voltage condition is removed. A
fixed voltage threshold on BST_C is implemented, in order to avoid the boost voltage
exceeding a safety level in case of high voltage on VDH monitor pin. In case the user would
not need this over voltage protection (e.g. for applications where high voltage is present on
the VDH rail), L9907 provides a disabling bit in CMD3 SPI command (DIS_BSTov). The
Boost converter is disabled in case of validated Fault (see Table 6) and reactivated by fault
removal and cleared after SPI reading.
Figure 3. MOSFET drivers supply structure
SHS1
GHS1
CBS1
SHS2
GHS2
CBS2
SHS3
GHS3
CBS3
SLS1
GLS1
SLS2
GLS2
SLS3
GLS3
ate-Driver 1
g
ate-Driver 2
g
ate-Driver 3
ate-Driver 1
ate-Driver 2
ate-Driver 3
BST_C
HS-G
V-re
HS-G
V-re
HS-G
V-re
LS-G
LS-G
LS-G
VCAP
V-reg
g
GAPGPS00835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com