Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 24Page - STMicroelectronics L9907 Datasheet HTML 25Page - STMicroelectronics L9907 Datasheet HTML 26Page - STMicroelectronics L9907 Datasheet HTML 27Page - STMicroelectronics L9907 Datasheet HTML 28Page - STMicroelectronics L9907 Datasheet HTML 29Page - STMicroelectronics L9907 Datasheet HTML 30Page - STMicroelectronics L9907 Datasheet HTML 31Page - STMicroelectronics L9907 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Electrical specifications
L9907
28/49
DS11800 Rev 5
3. Guaranteed by design.
4.
Where:
ISxHI is current flowing out from ISxHI pin
ISxLO is current flowing out from ISxLO pin
Vcc = reference supply [5 V or 3.3 V]
Gnom = nominal programmed gain [10, 30, 50, 100]
I(trim,HI/LO) = offset trimming current (w.c. ± 8 µA see expression below)
Phase = programmed phase configuration [1 if selected, otherwise 0]
I(rail) = current from auxiliary rail (used for floating OpAmp) [typ ~145 µA±35% T+Models]
Where:
Vbg = band gap reference (1.2371 V nominal)
Ground = programmed ground configuration [1 if selected, otherwise 0]
Trimming bit weight= how many mV offset trimming are programmed.
The ± depends on offset trim direction (+: bit7=1, -: bit7=0)
5. A 350 kHz, 100 mVpp, ripple at the boost regulator output, generates 1 mVpp noise at the amplifier input. It represents a 2
App current noise on a 0.5 m
 current sense resistor.
ISxHI
0.8 VCC
2000 Gnom
-----------------------------------
Itrim HI

+


2
3 Phase

+

8
---------------------------------------------
10
A
+
=
ISxLO
0.8 VCC
2000 Gnom
-----------------------------------
Itrim LO

+

 2
8
---
10
AI rail

++
=
Itrim HI

Vbg
15
-----------
trimming bit
weight
2
-------------------
10300
5
3 Ground

+

----------------------------------------------------------------------
2
3 Phase

+

8
---------------------------------------------

=
Itrim LO

Vbg
15
-----------
trimming bit
weight
2
-------------------
10300
5
3 Ground

+

----------------------------------------------------------------------
2
8
---

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com