Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 41Page - STMicroelectronics L9907 Datasheet HTML 42Page - STMicroelectronics L9907 Datasheet HTML 43Page - STMicroelectronics L9907 Datasheet HTML 44Page - STMicroelectronics L9907 Datasheet HTML 45Page - STMicroelectronics L9907 Datasheet HTML 46Page - STMicroelectronics L9907 Datasheet HTML 47Page - STMicroelectronics L9907 Datasheet HTML 48Page - STMicroelectronics L9907 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Revision history
L9907
48/49
DS11800 Rev 5
7
Revision history
Table 40. Document revision history
Date
Revision
Changes
30-Mar-2017
1
Initial release
29-Jun-2018
2
Corrected limits (LSL = 1 µs) for TSCoff digital filter time (short circuit
shutdown delay) in Table 18 on page 24.
Updated:
– Operating VB range, extension to 4.2 V;
– ISxx range: VDH+4 V in Table 8 on page 18
– Inserted note (2) for differential driver stage in Table 9: Absolute
maximum ratings;
– Corrected in Table 16 on page 22, VCAP range, with LSL limit to
7.5 V;
– Corrected B8 description in Table 32 on page 33;
– Added note in Table 31 reference regarding power supply
configuration for 48 V boardnet.
07-Aug-2019
3
Updated:
– High level digital input LSL from 2 V to 1.9 V in Table 14;
– LSL of overdrive for VBST, VCAP and VCBS set to 8.5 V in Table 16.
20-Jul-2020
4
Typing error.
27-Apr-2021
5
Added:
– Section 2.7: System clock.
Updated:
– Section : Features;
– Section : Description;
– Section 2.6: Current Sense Amplifier (CSA);
– Section 5: Application circuit;
– Table 9: Absolute maximum ratings;
– Table 12: Supply electrical characteristics.
Minor text changes in:
– Section 4.1: SPI bits mapping;
– Section 4.1.1: SDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com