Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 3Page - STMicroelectronics L9907 Datasheet HTML 4Page - STMicroelectronics L9907 Datasheet HTML 5Page - STMicroelectronics L9907 Datasheet HTML 6Page - STMicroelectronics L9907 Datasheet HTML 7Page - STMicroelectronics L9907 Datasheet HTML 8Page - STMicroelectronics L9907 Datasheet HTML 9Page - STMicroelectronics L9907 Datasheet HTML 10Page - STMicroelectronics L9907 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
DS11800 Rev 5
7/49
L9907
Block diagram and pin description
48
1.2
Pin description
Figure 2. Pin connection diagram
Table 2. Pin function
Pin # Pin name
Description
I/O Type
1NC
NC
-
2
GLS_3
Gate connection for low-side MOSFET, phase 3
O
3
SLS_3
Source connection for low-side MOSFET, phase 3
I
4NC
NC
-
5
GLS_2
Gate connection for low-side MOSFET, phase 2
O
6
SLS_2
Source connection for low-side MOSFET, phase 2
I
7NC
NC
-
8
GLS_1
Gate connection for low-side MOSFET, phase 1
O
9
SLS_1
Source connection for low-side MOSFET, phase 1
I
10
AGND
Analog ground
GND
11
IS1+
Positive input for current sense amplifier 1
I
12
IS1-
Negative input for current sense amplifier 1
I
13
NC
NC
-
14
IB1
Output for current sense amplifier 1 (Test mode digital output #1)
O
15
IB2
Output for current sense amplifier 2 (Test mode digital output #2)
O
16
SGND2
Substrate (and ESD_GND) connection 2
GND
NC
GLS_3
SLS_3
NC
GLS_2
SLS_2
NC
GLS_1
SLS_1
AGND
IS1+
IS1-
NC
IB1
IB2
SGND2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
SGND1
47
PWM_L3
PWM_L2
PWM_L1
46
45
44
EN1
EN2
TO3
SDO
SCK
CS
FS_FLAG
PWM_H3
PWM_H2
PWM_H1
TM
SDI
43
42
41
40
39
38
37
36
35
34
33
GAPGPS00834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com