Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 31Page - STMicroelectronics L9907 Datasheet HTML 32Page - STMicroelectronics L9907 Datasheet HTML 33Page - STMicroelectronics L9907 Datasheet HTML 34Page - STMicroelectronics L9907 Datasheet HTML 35Page - STMicroelectronics L9907 Datasheet HTML 36Page - STMicroelectronics L9907 Datasheet HTML 37Page - STMicroelectronics L9907 Datasheet HTML 38Page - STMicroelectronics L9907 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
DS11800 Rev 5
35/49
L9907
SPI operation
48
4.
CMD3 register - Current Sense amplifier offset calibration: B(15:13) = 011
a)
SDI bit DIS_BSTov (B12)
This bit is accessible for writing only if AND(EN1,EN2) = '0': trying to write it
without lowering AND(EN1,EN2) will not generate any SPI error but command will
be simply ignored for the specific bit. Once set to '1', CMD3 B12 disables the over
voltage protection on the boost regulator BST_C pin. This bit defaults to '0'.
b)
SDI bits TRIM24 to TRIM10 (B9 to B0)
The input offset of both current sense amplifiers can be calibrated separately by
properly setting the bits of the CMD3 SPI Register. Such a register can be
accessed through SDI bits B(9:0). Bits B(9:5) are dedicated to offset calibration of
Current Sense amplifier 2, while bits B(4:0) are dedicated to current sense
amplifier 1. The encoded value is a signed representation, and the values "10000"
and "00000", both correspond to 0 mV calibration.
Table 34. Current sense amplifier input offset calibration
5.
CMD4 register - Fault effect enabling B(15:13)=100
In order to avoid unsafe change of fault management settings, as for the CMD1 register, it is
not possible to write CMD4 register during normal Output Gate Drive operation. For this
reason at least one Enable signal EN1 or EN2 must be deasserted in order to update the
register.
Since the Enable signals EN1 and EN2 also affect the output gate drives, a deglitch filter is
implemented on both of them. This filter is active on the falling edges of EN1 or EN2 signal.
Current sense amplifier 2(1)
calibration input offset
B9(B4)=
Trim24
(Trim14)
B8(B3)=
Trim23
(Trim13)
B7(B2)=
Trim22
(Trim12)
B6(B1)=
Trim21
(Trim11)
B5(B0)=
Trim20
(Trim10)
-15 mV
0
1111
-14 mV
0
1110
-13 mV
0
1101
...
0
...
-3 mV
0
0011
-2 mV
0
0010
-1 mV
0
0001
0 mV
0
0000
0 mV
1
0000 (0000 = Default)
+1 mV
1
0001
+2 mV
1
0010
+2 mV
1
0011
...
1
...
+13 mV
1
1101
+14 mV
1
1110
+15 mV
1
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com