Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 36Page - STMicroelectronics L9907 Datasheet HTML 37Page - STMicroelectronics L9907 Datasheet HTML 38Page - STMicroelectronics L9907 Datasheet HTML 39Page - STMicroelectronics L9907 Datasheet HTML 40Page - STMicroelectronics L9907 Datasheet HTML 41Page - STMicroelectronics L9907 Datasheet HTML 42Page - STMicroelectronics L9907 Datasheet HTML 43Page - STMicroelectronics L9907 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
SPI operation
L9907
40/49
DS11800 Rev 5
3.
SDO DIAG2 register - Diagnostic read cycle: B(15:13) = 111
Below, it is described the meaning of each diagnostic bit in case of DIAG2 active.
a)
SDO bit B9: BST_DIS_RB
BST_DIS_RB informs about the status of that a BST_DIS pin (not cleared after
read).
b)
SDO bit B8: EN1_RB
EN1_RB informs about the status of EN1 filtered input (not cleared after read).
c)
SDO bit B7: AND(EN1,EN2)_RB
AND(EN1,EN2)_RB informs about the status of AND(EN1,EN2) signal (not
cleared after read).
d)
SDO bit B6: REGOFF_RB
e)
REGOFF_RB informs that a REG_OFF procedure has been triggered by EN1
lowering. Reading back this bit will re-engage FS_FLAG and cause
REG_OFF='0'.
f)
SDO bit B5: BST_C_OV
BST_C_OV informs about the status of boost over voltage level.
Filter time duration:
16*tosc ≤ TFILT ≤ 20*tosc (active on both directions)
effect when validated: BST_CLK = 0, BST_EN = 1,
BST_HYST = 1, FS_FLAG = 0; EN_PWM[3:1] no change
re-engagement:
BST_CLK self re-engagement when fault disappears
FS_FLAG re-engaged after DIAG2 reading and fault cleared
g)
SDO bit B4: GCR_OL
GCR_OL informs about the status of the GCR pin open load condition (i.e. too
high resistive value).
Filter time duration: 16*tosc ≤ TFILT ≤ 20*tosc (active on both directions)
effect when validated:GCR_INT_I = 1
re-engagement:
GCR_INT_I = 0 self re-engagement when fault disappears
FS_FLAG re-engaged after DIAG2 reading and fault cleared
h)
SDO bit B3: GCR_STG
GCR_STG informs about the status of the GCR pin short to ground condition (i.e.
too low resistive value).
Filter time duration: 16*tosc ≤ TFILT ≤ 20*tosc (active on both directions)
effect when validated:GCR_INT_I = 1
re-engagement:
GCR_INT_I = 0 self re-engagement when fault disappears
FS_FLAG re-engaged after DIAG2 reading and fault cleared
i)
SDO bit B<2:0>: SHT<X>
Shoot Through on specific phase has occurred: FS_FLAG remains low till the fault
is cleared by a read back of DIAG2 frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com