Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 6Page - STMicroelectronics L9907 Datasheet HTML 7Page - STMicroelectronics L9907 Datasheet HTML 8Page - STMicroelectronics L9907 Datasheet HTML 9Page - STMicroelectronics L9907 Datasheet HTML 10Page - STMicroelectronics L9907 Datasheet HTML 11Page - STMicroelectronics L9907 Datasheet HTML 12Page - STMicroelectronics L9907 Datasheet HTML 13Page - STMicroelectronics L9907 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Functional description
L9907
10/49
DS11800 Rev 5
2
Functional description
2.1
Power supply VB, VCC
Voltage present at VB and VCC pins is monitored in order to inhibit driver and/or boost
functionality in case of under/over voltage detection. A VCC over voltage self test is
embedded for safety integrity check: VCC over voltage threshold can be reduced on
purpose to a level that is always triggered with nominal values on VCC rail. The device is
self protected in case of ground disconnections versus both SGNDx pins. SGND1 and
SGND2 pins are internally shorted and connected to substrate: at least one of these pins
must be connected to board ground. In case of AGND loss, a dedicated comparator will lead
to a POR state for logic, where boost regulator and MOSFET drivers are disabled. This fault
doesn't set any SPI error bit. In case of DGND loss the device is automatically disabled:
MOSFET drivers go in tri-state condition and external FETs are kept off using integrate
passive pull down. In case of BGND ground loss the boost regulator cannot work properly:
the effect is an undervoltage on HS and/or LS side gate voltage monitor.
The ground reference for all the voltages and thresholds available in the device is AGND.
The Exposed Pad (EP) is mainly used for thermal dissipation. It should be grounded and
connected together with SGNDx pins.
2.2
Voltage regulator VDD
The internal 3.3 V voltage regulator is used to supply the internal logic and all internal
blocks. For stability reasons a 100 nF capacitor has to be connected to VDD pin. This
regulator is to be intended for IC internal use only. Suggested limits for external capacitor
are min = 100 nF -20% ma x= 220 nF +20%. All tests are performed with a 100 nF capacitor,
unless otherwise specified.
2.3
EN1 and EN2 pins (ENABLE)
To enable the gate driver functionality EN1 and EN2 have to be pulled high. These pins are
by default internally logically ANDed. In case REGOFF_EN bit in CMD4 SPI frame is set to
1 (refer to SPI mapping,Table 23), EN1 and EN2 have different meanings: EN2 stays the
same as a gate driver functionality enabler, while EN1 will also become an enabler for all the
regulators supplying the pre-driver circuitries. In this way, EN1 becomes a safety control pin
that implements an additional switch-off path.
These pins are also used to enable the SPI write to CMD1 and CMD4. These registers
contain gate driver sensitive to failure management bits which just can be written when at
least one of the ENx pins is pulled low (gate driver disabled).
Nevertheless the pins are used as well to reactivate the gate driver in case of device internal
switch off. Therefore a low cycle of at least 3µs has to be applied after fault condition is
removed to one or both of the ENx pins.
On both pins internal pull down currents are implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com