Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 9Page - STMicroelectronics L9907 Datasheet HTML 10Page - STMicroelectronics L9907 Datasheet HTML 11Page - STMicroelectronics L9907 Datasheet HTML 12Page - STMicroelectronics L9907 Datasheet HTML 13Page - STMicroelectronics L9907 Datasheet HTML 14Page - STMicroelectronics L9907 Datasheet HTML 15Page - STMicroelectronics L9907 Datasheet HTML 16Page - STMicroelectronics L9907 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
DS11800 Rev 5
13/49
L9907
Functional description
48
When BST_DIS_EN bit of CMD2 SPI frame is set to 1 (refer to SPI mapping, Table 23),
BST_DIS becomes a full-time control of the boost operation: the boost will be disabled as
long as the BST_DIS pin is high. This implements a boost permanent disabler that can be
used for different reasons, e.g. to allow more precise and less noisy measurements, to
decrease power dissipation or current load on battery in all conditions when the boost is not
strictly necessary.
2.5
MOSFET drivers
MOSFET drivers are programmable current mirrors used to limit gate charge/discharge
current without gate series resistors (which can be used anyway). Programmability has two
degrees of freedom: SPI programmability (25, 50, 75, 100% of max. available current IG) for
MOSFET gate current adjustment during running application and via external resistor at
GCR pin to adjust the gate current among different applications. External MOSFETs are
protected against over current in on-state monitoring their Vds voltage. Maximum Vgs of
external MOSFETs is limited using VCAP regulator for LS drivers and dedicated floating
regulators referred to sources for HS drivers.
2.5.1
GCR pin
At GCR pin a resistor has to be connected which defines in combination with the IGx SPI
bits the gate current for charge and discharge.
Minimum value for GCR resistor is GCR(min) = 1 kΩ
- 10% (maximum allowable gate
current), maximum is GCR(max) = 22 kΩ +10% (minimum allowable gate current), but with
degraded precision performances with GCR > 6 kΩ
+ 10%. Tested values are GCR = 1 kΩ
and GCR = 6 kΩ
GCR pin circuitry implements an open/short protection in case of a too high/low resistive
load connected to it. If one of the above conditions occurs, the device switches to an
internally generated current, equivalent to approximately 15 k
. The current reference can
be switched to the internal reference by using the GCR_INT_I bit of CMD2 frame (refer to
SPI mapping, Table 23); this can be used when a reduced power dissipation is needed.
2.5.2
Shoot through protection
Shoot through protection's aim is to avoid destructive cross current conduction between
high-side and low-side FETs of the same phase in case of unwanted condition when
PWM_Hx and PWM_Lx signals are set to logic '1' at the same time (e.g. because of a
controller fault). With every activation of either PWM_Hx or PWM_Lx the cross current
protection time is activated and switches off the corresponding half bridge for the
programmed Dead time. The shoot through condition is validated via an up-down counter
which is proportional to the programmed dead time. With this feature, continuous activation
of HS and LS and also high frequency oscillations of the PWMx input signals (HS and LS)
are detected and the shoot through failure state is set. If the fault condition is validated, all
external FETs are switched OFF and FS_FLAG is asserted low. No SPI SDO diagnostic bit
is set, since the hypothesis is that the controller is not able to work properly. In case the
SHT_PH bit of CMD2 SPI frame would be set to 1 (refer to SPI mapping, Table 23), the
device allows the switching off of the only phase for which the shoot through occurred. The
phase that experienced the fault is reported on DIAG2 SPI frame (SDO bits B<2:0>). In
order to re-enable FET pre-drivers, at least one Enable signal EN1 or EN2 must be toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com