Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 25Page - STMicroelectronics L9907 Datasheet HTML 26Page - STMicroelectronics L9907 Datasheet HTML 27Page - STMicroelectronics L9907 Datasheet HTML 28Page - STMicroelectronics L9907 Datasheet HTML 29Page - STMicroelectronics L9907 Datasheet HTML 30Page - STMicroelectronics L9907 Datasheet HTML 31Page - STMicroelectronics L9907 Datasheet HTML 32Page - STMicroelectronics L9907 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
DS11800 Rev 5
29/49
L9907
SPI operation
48
4
SPI operation
The L9907 SPI is a standard 16-bit, four wire interface. By means of the SPI most device
parameters can be internally set and the fault diagnostic can be read.
The timing diagram for the SPI operation is reported in Figure 7 below. The IC reads the
input data at SDI pin on the falling edge of the SPI clock (SCK). The IC outputs the SPI data
at SDO pin on the rising edge of the SPI clock (SCK).
Figure 7. Timing diagram for the SPI operation.
The SPI protocol integrates an internal check to add robustness to the communication: a
writing attempt of a not allowed register, an incorrect parity frame or a wrong number of bits
(different than 16) results in a "SPI error bit", that is available at SDO immediately after
asserting CS the next time and before starting the SCK toggling.
If the current SPI cycle is affected by a communication error, the current SDI command is
rejected and a SPI error message (0xB001) is presented as SDO response at the following
SPI cycle.
CS
SCK
SDO
SPI error
Bi t ( 15) MS B
Bi t(14:1)
Bit(0)
LSB
SDI
MSB IN
Bi t(14:1)
LSB I N
1
1a
1b
2
3
4
5
6
7
8
9
10
11
CS
SCK
SDO
SPI error
Bi t ( 15) MS B
Bi t(14:1)
Bit(0)
LSB
SDI
MSB IN
Bi t(14:1)
LSB I N
1
1a
1b
2
3
4
5
6
7
8
9
10
11
GAPGPS00838
Table 22. SPI timing specifications
#
Parameter
Condition
Min.
Typ.
Max.
Unit
1
SCK Frequency (fSCK)1
-
-
8
MHz
2
SCK High/low time (tSCK-high, t-SCK-low)
1a, 1b
60
-
-
ns
3
Enable lead time (tlead)2
740
-
-
ns
4
Enable lag time (tlag)3
200
-
-
ns
5
Data valid time (tvalid)
4
Cload<60pF
@ fSCK=8MHz
--
50
ns
6
Data set up time (tSI-set)
Data hold time (tSI-hold)
5
6
30
30
--
ns
7
Disable time (tdisable)
7
120
ns
8
SCK, SI rise/fall time (trise, tfall)-
-
5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com