Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9907 Datasheet HTML 20Page - STMicroelectronics L9907 Datasheet HTML 21Page - STMicroelectronics L9907 Datasheet HTML 22Page - STMicroelectronics L9907 Datasheet HTML 23Page - STMicroelectronics L9907 Datasheet HTML 24Page - STMicroelectronics L9907 Datasheet HTML 25Page - STMicroelectronics L9907 Datasheet HTML 26Page - STMicroelectronics L9907 Datasheet HTML 27Page - STMicroelectronics L9907 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Electrical specifications
L9907
24/49
DS11800 Rev 5
RGxx
Gate source passive discharge
resistance
-
100
200
500
tGHxlh
Propagation delay time low to high
VB = 13.5 V, Cg = 22 nF
-
-
300
ns
tGLxlh
Propagation delay time low to high
VB = 13.5 V, Cg = 22 nF
-
-
300
ns
tGHxhl
Propagation delay time high to low
VB = 13.5 V, Cg = 22 nF
-
-
300
ns
tGLxhl
Propagation delay time high to low
VB = 13.5 V, Cg = 22 nF
-
-
300
ns
fPWM
PWM Switching frequency
-
-
-
20
kHz
Q
Drivable gate charge(3)
VGS = 10 V, 20 kHz
300
-
900
nC
tDT
Dead time (adjustable in 4 steps via
2-bit SPI Register)
DT1, DT0 = 00 (default)
100
-
200
ns
DT1, DT0 = 01
300
-
500
ns
DT1, DT0 = 10
700
-
1000
ns
DT1, DT0 = 11
1000
-
1500
ns
1. Only for turn-on currents with GCR = 1 kW: parameter is tested at hot temperature only; other temperatures are granted by
design.
2. I = 400 µA + 2.872/GCR.
3. Design information. The IC does not provide any active internal Gate Charge limit.
Table 17. MOSFET drivers electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 18. External MOSFET overcurrent drop voltage sense
Symbol
Parameter
Test condition(1)
Min
Typ
Max
Unit
VSC_LS
Short circuit detection threshold low-
side (adjustable in 4 steps via 2 bits
SPI register)
SC_LS1, SC_LS0 = 00
(default)
0.4
0.5
0.6
V
SC_LS1, SC_LS0 = 01
0.7
0.8
0.9
V
SC_LS1, SC_LS0 = 10
0.9
1
1.1
V
SC_LS1, SC_LS0 = 11
1.17
1.3
1.43
V
VSC_HS
Short Circuit detection threshold high-
side (adjustable in 4 steps via 2 bits
SPI register)
SC_HS1, SC_HS0 = 00
(default)
0.4
0.5
0.6
V
SC_HS1, SC_HS0 = 01
0.7
0.8
0.9
V
SC_HS1, SC_HS0 = 10
0.9
1
1.1
V
SC_HS1, SC_HS0 = 11
1.17
1.3
1.43
V
TSCoff
Short Circuit shut down delay (the
circuit shuts down by short circuit
longer than TSCoff; guaranteed
through scan)
Masking time at switch
ON
912
14(2)
µs
Filter Time in normal
operation
1-
2
µs
VSC TEST
Test functions for short circuit detection
level (SCDL)(3)
VSCTST=1 (CMD2, B7)
-0.7
-0.5
-0.3
V
1. The accuracy of SC detection thresholds for HS and LS is guaranteed for VB ≥ 6 V. In case VB < 6 V the accuracy for each
configuration, both for HS and LS, is 22.5%.
2. The PWM ON time must be longer than this Short Circuit shutdown delay, else the short circuit condition cannot be
detected.
3. Security Level test function. If this function is selected via SPI, the short circuit detection threshold is set to the specified
negative level. In this way a short circuit is detected even if the current in the external MOSFET is zero, that is Vds=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com