Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP12122 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP12122 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP12122
Download  TSUP12122 Download
File Size   225.59 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 12A, 120V Trench Schottky Surface Mount Rectifier

TSUP12122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP12122 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP12122
Download  TSUP12122 Click to download

File Size   225.59 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 12A, 120V Trench Schottky Surface Mount Rectifier

TSUP12122 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP12122 Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Lower power loss/ high efficiency
High forward surge capability
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converter




Similar Part No. - TSUP12122

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP12150H TSC-TSUP12150H Datasheet
476Kb / 6P
12A, 150V Trench Schottky Surface Mount Rectifier
Version: A2505
More results


Similar Description - TSUP12122

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP12S100S CITC-CP12S100S Datasheet
472Kb / 3P
12A Surface Mount Trench Schottky Rectifier
CP12S120S CITC-CP12S120S Datasheet
465Kb / 3P
12A Surface Mount Trench Schottky Rectifier
logo
Microdiode Semiconducto...
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
PFC Device Inc.
PT12L120SP PFC-PT12L120SP Datasheet
730Kb / 5P
12A 120V HPTR Schottky Rectifier
logo
Microdiode Semiconducto...
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
NRVTS360ETFS ONSEMI-NRVTS360ETFS Datasheet
179Kb / 6P
Trench Surface Mount Schottky Rectifier
February, 2019 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com