Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP5102 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP5102 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP5102
Download  TSUP5102 Download
File Size   227.0 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 100V Trench Schottky Surface Mount Rectifier

TSUP5102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP5102 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP5102
Download  TSUP5102 Click to download

File Size   227.0 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 100V Trench Schottky Surface Mount Rectifier

TSUP5102 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP5102 Product details

FEATURES
Excellent high temperature stability
Low forward voltage
Lower power loss/ high efficiency
High forward surge capability
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converter




Similar Part No. - TSUP5102

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP5150H TSC-TSUP5150H Datasheet
476Kb / 6P
5A, 150V Trench Schottky Surface Mount Rectifier
Version: A2505
More results


Similar Description - TSUP5102

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC051BS GOOD-ARK-SGC051BS_15 Datasheet
209Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LS5B0 GOOD-ARK-LS5B0_15 Datasheet
194Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
LSL5B GOOD-ARK-LSL5B Datasheet
263Kb / 4P
Trench Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 5A
logo
SeCoS Halbleitertechnol...
SMPD5100 SECOS-SMPD5100 Datasheet
263Kb / 2P
100V, 5A Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
CP5L45S CITC-CP5L45S Datasheet
463Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CP5L100S CITC-CP5L100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CP5S100S CITC-CP5S100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
logo
PFC Device Inc.
SR5100H PFC-SR5100H Datasheet
559Kb / 5P
5A 100V Schottky Rectifier
logo
First Silicon Co., Ltd
SS5U100PA FS-SS5U100PA Datasheet
442Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 100V , Forward Current 5A
logo
Taiwan Semiconductor Co...
TSSA5U50H TSC-TSSA5U50H Datasheet
441Kb / 6P
5A, 50V - 60V Trench Schottky Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com