Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP5150H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP5150H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP5150H
Download  TSUP5150H Download
File Size   476.66 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 150V Trench Schottky Surface Mount Rectifier

TSUP5150H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP5150H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP5150H
Download  TSUP5150H Click to download

File Size   476.66 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 5A, 150V Trench Schottky Surface Mount Rectifier

TSUP5150H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP5150H Product details

FEATURES
AEC-Q101 qualified
Excellent high temperature stability
Low forward voltage
Lower power loss/ high efficiency
High forward surge capability
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converter




Similar Part No. - TSUP5150H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP5102 TSC-TSUP5102 Datasheet
227Kb / 6P
5A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
More results


Similar Description - TSUP5150H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSPB5H100S TSC-TSPB5H100S Datasheet
253Kb / 5P
5A, 100V - 150V Trench Schottky Rectifiers
logo
GOOD-ARK Electronics
SGC051B5S GOOD-ARK-SGC051B5S_15 Datasheet
205Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 150V Forward Current 5A
logo
SeCoS Halbleitertechnol...
SRL5150 SECOS-SRL5150 Datasheet
196Kb / 2P
5A, 150V Low VF Trench MOS Barrier Schottky Rectifier
logo
Chip Integration Techno...
CP5L45S CITC-CP5L45S Datasheet
463Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CP5L100S CITC-CP5L100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CP5S100S CITC-CP5S100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
logo
PFC Device Inc.
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
5A 150V MOS Schottky Rectifier
P5150F-A PFC-P5150F-A Datasheet
665Kb / 5P
5A 150V MOS Schottky Rectifier
PFS5L150 PFC-PFS5L150 Datasheet
561Kb / 5P
5A 150V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSA5U50H TSC-TSSA5U50H Datasheet
441Kb / 6P
5A, 50V - 60V Trench Schottky Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com