Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3112 Datasheet (PDF) - AXElite technology co. ltd

AX3112 Datasheet PDF - AXElite technology co. ltd
Part # AX3112
Download  AX3112 Download
File Size   832.72 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control 3A Step Down Converter

AX3112 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3112 Datasheet PDF - AXElite technology co. ltd

Part # AX3112
Download  AX3112 Click to download

File Size   832.72 Kbytes
Page   12 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description PWM Control 3A Step Down Converter

AX3112 Datasheet (HTML) - AXElite technology co. ltd


AX3112 Product details

 GENERAL DESCRIPTION
AX3112/A consists of step down switching regulator with PWM control. The device include s a reference voltage source, oscillation circuit, error amplifier, internal PMOS and etc.
AX3112/A provides low-ripple power, high efficiency, and excellent transient characteristics. The PWM control circuit is able to the duty ratio linearly forms 0 up to 100%. With the addition of an internal P-channel Power MOS, a coil, capacitor s, and a diode connected externally, these ICs can function as step down switching regulators. They serve as ideal power supply units for portable devices when coupled with the SOP-8L-EP package, providing such outstanding features as low current consumpti on. Since this converter can accommodate an input voltage up to 40V, it is also suitable for the operation via an AC adapter.

 FEATURES
- Input voltage 8V to 40V
- Adjustable version output voltage range from 3.3V to 38V
- Duty ratio 0% to 100% PWM control
- Oscillation frequency 100K/350 KHz
- Enable and auto restart function.
- Thermal Shutdown function / Internal OVP.
- Short Circuit Protect (SCP).
- Built-in internal SW P-channel MOS.
- SOP-8L-EP Pb-Free package.
- RoHS and Halogen free compliance




Similar Part No. - AX3112

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3112 AXELITE-AX3112 Datasheet
766Kb / 11P
PWM Control 3A Step Down Converter
Rev.1.4 Mar. 06, 2015
AX3112/A AXELITE-AX3112/A Datasheet
766Kb / 11P
PWM Control 3A Step Down Converter
Rev.1.4 Mar. 06, 2015
AX3112A AXELITE-AX3112A Datasheet
766Kb / 11P
PWM Control 3A Step Down Converter
Rev.1.4 Mar. 06, 2015
AX3112AES AXELITE-AX3112AES Datasheet
766Kb / 11P
PWM Control 3A Step Down Converter
Rev.1.4 Mar. 06, 2015
AX3112AESA AXELITE-AX3112AESA Datasheet
766Kb / 11P
PWM Control 3A Step Down Converter
Rev.1.4 Mar. 06, 2015
More results


Similar Description - AX3112

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com