Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5510EUA Datasheet (PDF) - AXElite technology co. ltd

AX5510EUA Datasheet PDF - AXElite technology co. ltd
Part # AX5510EUA
Download  AX5510EUA Download
File Size   1170.71 Kbytes
Page   20 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 680K/1.2MHz, High Voltage, Boost Converter

AX5510EUA Datasheet (PDF)

Go To PDF Page Download Datasheet
AX5510EUA Datasheet PDF - AXElite technology co. ltd

Part # AX5510EUA
Download  AX5510EUA Click to download

File Size   1170.71 Kbytes
Page   20 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 680K/1.2MHz, High Voltage, Boost Converter

AX5510EUA Datasheet (HTML) - AXElite technology co. ltd


AX5510EUA Product details

 GENERAL DESCRIPTION
The AX5510 is a high performance, high efficiency step up DC-DC Converter with integrated 3A . The AX5510 converter input voltage ranging from 2.6 to 5.5V The Output voltage can be set up to 27V. The selectable frequency of 680 kHz and 1.2 MHz allows the use of small external inductors and capacitors and provides fast transient response. Current mode control with external compensation network makes it easy to stabilize the system and keep maximum flexibility. Programmable soft start function minimizes impact on the input power system. Internal power MOSFET with very low RDS (ON) provides high efficiency. The AX5510 automatically transits from PWM to PFM during light load condition further increa sing efficiency. The converter also provides protection functions such as Current Limit and Thermal shutdown The AX5510 is available in space-saving MSOP-10L-EP, MOSP-8L-EP, TDFN-10L and SOP-8L-EP packages.

 FEATURES
- 2.6 V to 5.5V operating input voltage range
- Adjustable output voltage range up to 27V
- Up to 3A output switch current
- 680K/1.2MHz Selectable Switching Frequency
- Programmable soft-start function
- External Compensation Network
- Current limit and Thermal shutdown protection
- Under voltage Lockout
- ≤ 1μA Shutdown Current
- Available in the Pb-Free MSOP-10L-EP, MSOP-8L-EP, TDFN-10L and SOP-8L-EP Packages
- RoHS and Halogen free compliance.




Similar Part No. - AX5510EUA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX5510A AXELITE-AX5510A Datasheet
1Mb / 20P
680K/1.2MHz, High Voltage, Boost Converter
Rev.1.5 Nov.06, 2019
AX5510AES AXELITE-AX5510AES Datasheet
1Mb / 20P
680K/1.2MHz, High Voltage, Boost Converter
Rev.1.5 Nov.06, 2019
AX5510AESA AXELITE-AX5510AESA Datasheet
1Mb / 20P
680K/1.2MHz, High Voltage, Boost Converter
Rev.1.5 Nov.06, 2019
AX5510AEU AXELITE-AX5510AEU Datasheet
1Mb / 20P
680K/1.2MHz, High Voltage, Boost Converter
Rev.1.5 Nov.06, 2019
AX5510AEU8 AXELITE-AX5510AEU8 Datasheet
1Mb / 20P
680K/1.2MHz, High Voltage, Boost Converter
Rev.1.5 Nov.06, 2019
More results


Similar Description - AX5510EUA

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Taiwan Semiconductor Co...
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com