Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SASD Datasheet (PDF) - Automatic Timing & Controls, Inc.

SASD Datasheet PDF - Automatic Timing & Controls, Inc.
Part # SASD
Download  SASD Download
File Size   194.15 Kbytes
Page   1 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description DC and AC Inputs – Solid-State Relay

SASD Datasheet (PDF)

Go To PDF Page Download Datasheet
SASD Datasheet PDF - Automatic Timing & Controls, Inc.

Part # SASD
Download  SASD Click to download

File Size   194.15 Kbytes
Page   1 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description DC and AC Inputs – Solid-State Relay

SASD Datasheet (HTML) - Automatic Timing & Controls, Inc.


SASD Product details

• 15, 25, 40A @ 50-240 VAC Outputs
• 4 to 32 VDC and 85 to 240 VAC Input
• LED Operation Indicator (SD Only)
• Compatible Heat Sinks
HEAT SINK INFORMATION: To achieve the rated output current loads for all ATC solid-state relays, they must be mounted to a heat sink.




Similar Part No. - SASD

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SAS CELDUC-SAS Datasheet
109Kb / 2P
SHORT CIRCUIT RELAY
logo
Yamaichi Electronics Co...
SAS-029-DIP-AL YAMAICHI-SAS-029-DIP-AL Datasheet
84Kb / 2P
SAS Connector 29 Pin for PCB (180째 DIP Type)
SAS-029-SMT/DIP-AL YAMAICHI-SAS-029-SMT/DIP-AL Datasheet
84Kb / 2P
SAS Connector 29 Pin for PCB (180째 DIP Type)
logo
Eravant
SAS-124-09408-F1 ERAVANT-SAS-124-09408-F1 Datasheet
412Kb / 4P
WR-08 Linear to Circular Polarizer, 90-140 GHz
Rev 1.2
SAS-144-07506-F1-3 ERAVANT-SAS-144-07506-F1-3 Datasheet
375Kb / 3P
WR-06 Linear to Circular Polarizer, 110 to 170 GHz
Rev 1.0
More results


Similar Description - SASD

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
Teledyne Technologies I...
C47F-10 TELEDYNE-C47F-10 Datasheet
266Kb / 2P
Bi-Directional AC/DC Solid State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
STN07105 CELDUC-STN07105 Datasheet
86Kb / 2P
AC/DC Solid State Relay
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com