Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SASD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # SASD
Description  DC and AC Inputs – Solid-State Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

SASD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  SASD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
147
Automatic Timing & Controls
800.727.5646
atcdiversified.com
DC and AC Inputs – Solid-State Relay
WIRING
ORDERING INFORMATION
SDA1, SAA1
• 15, 25, 40A @ 50-240 VAC Outputs
• 4 to 32 VDC and 85 to 240 VAC Input
• LED Operation Indicator (SD Only)
• Compatible Heat Sinks
HEAT SINK INFORMATION: To achieve the rated output current loads
for all ATC solid-state relays, they must be mounted to a heat sink.
MODEL
A
B
C
D
E
F
NO118(1)-60
60 90 100 60 N/A 48
NO118(2)-200
60 90 100 200 97 N/A
MODEL NUMBER
UL RECOGNIZED
INPUT
OUTPUT
OUTPUT AMPS
PHASE
VOLTAGE
VOLTAGE
SDA1-215Z
Yes
4-32 VDC
50-240 VAC
15
Single
SDA1-225Z
Yes
4-32 VDC
50-240 VAC
25
Single
SDA1-240Z
Yes
4-32 VDC
50-240 VAC
40
Single
SAA1-215Z
Yes
85-240 VAC
50-240 VAC
15
Single
SAA1-225Z
No
85-240 VAC
50-240 VAC
25
Single
SAA1-240Z
No
85-240 VAC
50-240 VAC
40
Single
SDA3-240Z
No
4-15 VDC
50-240 VAC
40
Three
SDA3-440Z
No
4-15 VDC
50-460 VAC
40
Three
NO118 (1)-60
No
Heat Sink for SDA1 and SAA1 Models
NO118 (2)-200
Yes
Heat Sink for SDA3 Models
Other Relays and Heat Sinks Available, Consult Factory.
DIMENSIONS (MILLIMETERS)
SDA1, SAA1
SDA3
CONTROL VOLTAGE
DC Models (SDA) 4—32 VDC
AC Models (SAA) 85—240 VAC
PICK UP VOLTAGE
SDA Models, 4V Max
SAA Models, 85V Max.
DROP OUT VOLTAGE
SDA Models, 1V Min.
SAA Models, 40V Min.
PEAK REPETITIVE
600 Vrms Max.
OUTPUT VOLTAGE
OFF STATE
10mArms Max.
LEAKAGE CURRENT
ON STATE
1,5 Vrms Max.
VOLTAGE DROP
DIELECTRIC STRENGTH
2500 Vrms, 1 Min. (Input-Output-Case)
ISOLATION RESISTANCE
100 MΩ/DC 500 V (Input-Output-Case)
RESPONSE TIME
1/2 Cycle + 1 mS Max.
TEMPERATURE
Operate
-20° to +80°C
Storage
-30° to +100°C
AGENCY APPROVALS
SDA1 Models Only: Underwriters Lab's
UR File No. E165828
WEIGHT
2 oz.
SPECIFICATIONS
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - SASD

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SAS CELDUC-SAS Datasheet
109Kb / 2P
SHORT CIRCUIT RELAY
logo
Yamaichi Electronics Co...
SAS-029-DIP-AL YAMAICHI-SAS-029-DIP-AL Datasheet
84Kb / 2P
SAS Connector 29 Pin for PCB (180째 DIP Type)
SAS-029-SMT/DIP-AL YAMAICHI-SAS-029-SMT/DIP-AL Datasheet
84Kb / 2P
SAS Connector 29 Pin for PCB (180째 DIP Type)
logo
Eravant
SAS-124-09408-F1 ERAVANT-SAS-124-09408-F1 Datasheet
412Kb / 4P
WR-08 Linear to Circular Polarizer, 90-140 GHz
Rev 1.2
SAS-144-07506-F1-3 ERAVANT-SAS-144-07506-F1-3 Datasheet
375Kb / 3P
WR-06 Linear to Circular Polarizer, 110 to 170 GHz
Rev 1.0
More results

Similar Description - SASD

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
Teledyne Technologies I...
C47F-10 TELEDYNE-C47F-10 Datasheet
266Kb / 2P
Bi-Directional AC/DC Solid State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
STN07105 CELDUC-STN07105 Datasheet
86Kb / 2P
AC/DC Solid State Relay
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
AC/DC Input Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com